Electronic Components Datasheet Search
  English  ▼

X  

MAX9934 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX9934
Description  High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9934 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX9934 Datasheet HTML 9Page - Analog Devices MAX9934 Datasheet HTML 10Page - Analog Devices MAX9934 Datasheet HTML 11Page - Analog Devices MAX9934 Datasheet HTML 12Page - Analog Devices MAX9934 Datasheet HTML 13Page - Analog Devices MAX9934 Datasheet HTML 14Page - Analog Devices MAX9934 Datasheet HTML 15Page - Analog Devices MAX9934 Datasheet HTML 16Page - Analog Devices MAX9934 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MAX9934
High-Precision, Low-Voltage, Current-Sense Amplifier
with Current Output and Chip Select for Multiplexing
13
Maxim Integrated
In Figure 5, VOUT is equal to VBIAS when the sum of all
outputs is zero. For positive input-sense voltages, the
MAX9934 sources current causing its output voltage to
rise above VBIAS. For negative input-sense voltages,
the MAX9934 sinks current causing its output voltage to
be lower than VBIAS, thus allowing bidirectional current
sensing.
Since the ADC reference voltage, VREF, determines the
full-scale reading, a common choice for VBIAS is
VREF/2. The current output makes it possible to use a
simple resistor-divider from VREF to GND to generate
VBIAS. The output resistance for gain calculation is the
parallel combination of the two resistors. For example, if
two equal value resistors, R, are used to generate a
VBIAS = VREF/2, the output termination resistance for
gain calculation is ROUT = R/2. See Figure 5.
VCC = 3.3V
VCC = 3.3V
VCC = 3.3V
RSENSE
-0.1V
≤ VCM ≤ 5.5V
RSENSE
-0.1V
≤ VCM ≤ 5.5V
RSENSE
-0.1V
≤ VCM ≤ 5.5V
MAX9934
MAX9934
MAX9934
R
10k
Ω
ADC
VREF
CS2
CS1
MICROCONTROLLER
CS
CS
CS
TO EXTERNAL
REFERENCE
VOLTAGE
10k
Ω
R
CS3
(OPTIONAL)
VIN1
VIN2
VIN3
ILOAD3
ILOAD2
ILOAD1
VOUT
OUT3
OUT2
OUT1
ROUT =
R
2
Figure 5. Bidirectional Multiplexed Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com