Electronic Components Datasheet Search
  English  ▼

X  

MAX9934 Datasheet(PDF) 5 Page - Analog Devices

Part # MAX9934
Description  High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9934 Datasheet(HTML) 5 Page - Analog Devices

  MAX9934 Datasheet HTML 1Page - Analog Devices MAX9934 Datasheet HTML 2Page - Analog Devices MAX9934 Datasheet HTML 3Page - Analog Devices MAX9934 Datasheet HTML 4Page - Analog Devices MAX9934 Datasheet HTML 5Page - Analog Devices MAX9934 Datasheet HTML 6Page - Analog Devices MAX9934 Datasheet HTML 7Page - Analog Devices MAX9934 Datasheet HTML 8Page - Analog Devices MAX9934 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
MAX9934
High-Precision, Low-Voltage, Current-Sense Amplifier
with Current Output and Chip Select for Multiplexing
5
Maxim Integrated
Typical Operating Characteristics
(VCC = 3.3V, VRS+ = VRS- = 3.0V, VSENSE = 0V, CL = 1000pF, ROUT = 10kΩ to GND for unidirectional operation, ROUT = 10kΩ to
VCC/2 for bidirectional operation. TA = +25°C, unless otherwise noted.)
MAX9934T VOS HISTOGRAM
VOS (FV)
-8
-6
-4
-2
0
2
4
6
8
5
10
15
20
25
30
35
40
0
-10
10
OFFSET VOLTAGE
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
4.8
4.1
2.7
3.4
1.3
2.0
0.6
-8
-6
-4
-2
0
2
4
6
8
10
-10
-0.1
5.5
VCC = 3.3V
VCC = 3.6V
VCC = 2.5V
MAX9934T DRIFT VOS HISTOGRAM
TCVOS (nV/NC)
6
1218243036424854
5
10
15
20
25
30
0
060
OFFSET VOLTAGE
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
4.8
4.1
2.7
3.4
1.3
2.0
0.6
-8
-6
-4
-2
0
2
4
6
8
10
-10
-0.1
5.5
TA = +125NC
TA = +25NC
TA = -40NC
0
0.5
1.5
1.0
2.5
3.0
2.0
3.5
020
30
10
40
50
60
70
80
VOUT vs. VSENSE
VREF = GND
VSENSE (mV)
GAIN = 25
µA/mV
GAIN = 5
µA/mV
UNIDIRECTIONAL
5
10
15
20
25
30
0
MAX9934T GAIN ERROR
HISTOGRAM
GE (%)
5
10
15
20
25
30
35
0
MAX9934T GAIN ERROR
DRIFT HISTOGRAM
TC GE (PPM/NC)
5
10
15
20
25
30
35
40
0
MAX9934F GAIN ERROR
HISTOGRAM
GE (%)
MAX9934F GAIN ERROR DRIFT
HISTOGRAM
TC GE (PPM/°C)
5
10
15
20
25
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com