Electronic Components Datasheet Search
  English  ▼

X  

MAX9934 Datasheet(PDF) 7 Page - Analog Devices

Part # MAX9934
Description  High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9934 Datasheet(HTML) 7 Page - Analog Devices

Back Button MAX9934 Datasheet HTML 3Page - Analog Devices MAX9934 Datasheet HTML 4Page - Analog Devices MAX9934 Datasheet HTML 5Page - Analog Devices MAX9934 Datasheet HTML 6Page - Analog Devices MAX9934 Datasheet HTML 7Page - Analog Devices MAX9934 Datasheet HTML 8Page - Analog Devices MAX9934 Datasheet HTML 9Page - Analog Devices MAX9934 Datasheet HTML 10Page - Analog Devices MAX9934 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
MAX9934
High-Precision, Low-Voltage, Current-Sense Amplifier
with Current Output and Chip Select for Multiplexing
7
Maxim Integrated
Typical Operating Characteristics (continued)
(VCC = 3.3V, VRS+ = VRS- = 3.0V, VSENSE = 0V, CL = 1000pF, ROUT = 10kΩ to GND for unidirectional operation, ROUT = 10kΩ to
VCC/2 for bidirectional operation. TA = +25°C, unless otherwise noted.)
1pA
10pA
1nA
100pA
10nA
100nA
-0.1
0.9
0.4
1.4
1.9
2.4
2.9
3.4
RS- BIAS CURRENT
vs. VRS- (-0.1V
≤ VRS- ≤ VCC)
VRS- (V)
TA = +125
°C
TA = +25
°C AND -40°C
0
15
10
5
20
25
30
35
40
45
50
3.0
4.0
3.5
4.5
5.0
5.5
RS- BIAS CURRENT
vs. VRS- ( 3V
≤ VRS_ ≤ 5.5V)
VRS- (V)
TA = +125
°C
TA = +25
°C
TA = -40
°C
100fA
1pA
100pA
10pA
1nA
10nA
0
1.0
1.5
0.5
2.0
2.5
3.0
3.5
4.0
OUTPUT LEAKAGE CURRENT
vs. VOUT (VCS = 0)
VOUT (V)
TA = +125
°C
TA = +25
°C
TA = -40
°C
1pA
10pA
100pA
1nA
10nA
0
1.0
2.0
3.0
0.5
1.5
2.5
3.5
4.0
OUTPUT LEAKAGE CURRENT
vs. VOUT (VCC = 0, VCS = 0)
VOUT (V)
TA = +125
°C
TA = +25
°C
TA = -40
°C
NORMALIZED GAIN
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
10
-30
-20
-10
0
10
-40
1
100k
G = 5FA/mV
G = 25FA/mV
COMMON-MODE REJECTION RATIO
vs. FREQUENCY
FREQUENCY (kHz)
10
1.0
0.1
-120
-100
-80
-60
-40
-20
0
-140
0.01
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com