Electronic Components Datasheet Search
  English  ▼

X  

MAX9934 Datasheet(PDF) 12 Page - Analog Devices

Part # MAX9934
Description  High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9934 Datasheet(HTML) 12 Page - Analog Devices

Back Button MAX9934 Datasheet HTML 8Page - Analog Devices MAX9934 Datasheet HTML 9Page - Analog Devices MAX9934 Datasheet HTML 10Page - Analog Devices MAX9934 Datasheet HTML 11Page - Analog Devices MAX9934 Datasheet HTML 12Page - Analog Devices MAX9934 Datasheet HTML 13Page - Analog Devices MAX9934 Datasheet HTML 14Page - Analog Devices MAX9934 Datasheet HTML 15Page - Analog Devices MAX9934 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
MAX9934
High-Precision, Low-Voltage, Current-Sense Amplifier
with Current Output and Chip Select for Multiplexing
12
Maxim Integrated
Chip-Select Functionality
for Multiplexed Systems
The MAX9934 features a CS that can be used to dese-
lect the output current - source achieving a high-imped-
ance output with 0.1nA leakage current. Thus, different
supply voltages can be used to power different
MAX9934 devices that are multiplexed on the same
bus. This technique makes it possible for advanced
current monitoring and power-management schemes to
be implemented when a limited number of ADC chan-
nels are available.
In a multiplexed arrangement, each MAX9934 is typi-
cally placed near the load being monitored and all
amplifier outputs are connected in common to a single
load resistor located adjacent to the monitoring ADC.
This resistor is terminated to the ADC ground reference
as shown in Figure 4 for unidirectional applications.
Figure 5 shows a bidirectional multiplexed application.
Terminating the external resistor at the ground refer-
ence of the ADC minimizes errors due to ground shift
as discussed in the
Advantages of Current-Output
Architecture section.
The MAX9934 is capable of both sourcing and sinking
current from OUT, and thus can be used as a precision
bidirectional current-sense amplifier. To enable this
functionality, terminate ROUT to a midrail voltage VBIAS.
VCC = 3.3V
VCC = 3.3V
VCC = 3.3V
RSENSE
-0.1V
≤ VCM ≤ 5.5V
RSENSE
-0.1V
≤ VCM ≤ 5.5V
RSENSE
-0.1V
≤ VCM ≤ 5.5V
MAX9934
MAX9934
MAX9934
10k
Ω
(OPTIONAL)
ADC
CS3
CS2
CS1
MICROCONTROLLER
VIN1
VIN2
VIN3
ILOAD3
ILOAD2
ILOAD1
VOUT
0.1
µF
0.1
µF
0.1
µF
OUT3
OUT2
OUT1
UNIDIRECTIONAL OPERATION
Figure 4. Typical Application Circuit Showing Chip-Select Multiplexing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com