Electronic Components Datasheet Search
  English  ▼

X  

MAX9934 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX9934
Description  High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9934 Datasheet(HTML) 2 Page - Analog Devices

  MAX9934 Datasheet HTML 1Page - Analog Devices MAX9934 Datasheet HTML 2Page - Analog Devices MAX9934 Datasheet HTML 3Page - Analog Devices MAX9934 Datasheet HTML 4Page - Analog Devices MAX9934 Datasheet HTML 5Page - Analog Devices MAX9934 Datasheet HTML 6Page - Analog Devices MAX9934 Datasheet HTML 7Page - Analog Devices MAX9934 Datasheet HTML 8Page - Analog Devices MAX9934 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MAX9934
High-Precision, Low-Voltage, Current-Sense Amplifier
with Current Output and Chip Select for Multiplexing
2
Maxim Integrated
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 3.3V, VRS+ = VRS- = 3.0V, VSENSE = 0V, VCM = (VRS+ + VRS-)/2, VCS = 3.3V, ROUT = 10kΩ to GND for unidirectional opera-
tion, ROUT = 10kΩ to VCC/2 for bidirectional operation. TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA =
+25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
RS+, RS- to GND......................................................-0.3V to +6V
VCC to GND ..............................................................-0.3V to +4V
CS, OUT to GND (VCC = 0, or CS < VIL)..................-0.3V to +4V
OUT to GND (CS > VIH)................................-0.3V to VCC + 0.3V
Differential Input Voltage (RS+ - RS-) ....................................±6V
Output Short-Circuit Current Duration
OUT to GND or VCC ...............................................Continuous
Continuous Input Current into Any Terminal.....................±20mA
Continuous Power Dissipation (TA = +70°C)
8-Pin µMAX (derate multilayer 4.8mW/°C
above +70°C).............................................................388mW
Junction-to-Ambient Thermal Resistance (
θJA)
(Note 1) ....................................................................206°C/W
Junction-to-Case Thermal Resistance (
θJC)
(Note 1) ......................................................................42°C/W
6-Bump UCSP (derate multilayer 3.9mW/°C
above +70°C).............................................................308mW
Junction-to-Ambient Thermal Resistance (
θJA)
(Note 1) ....................................................................260°C/W
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (µMAX only, soldering, 10s) ..............+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
TA = +25°C
±10
MAX9934T
-40°C
≤ TA ≤ +125°C
±14
TA = +25°C
±10
Input Offset Voltage (Note 3)
VOS
MAX9934F
-40°C
≤ TA ≤ +125°C
±20
µV
MAX9934T
±60
Input Offset Voltage Drift (Note 3)
VOS/dT
MAX9934F
±90
nV/°C
Common-Mode Input Voltage
Range (Average of VRS+ and
VRS-) (Note 3)
CMVR
Guaranteed by CMRR2
-0.1
+5.5
V
TA = +25°C
128
134
0
≤ VCM ≤ VCC -
0.2V (MAX9934F)
-40°C
≤ TA ≤ +125°C
112
TA = +25°C
128
135
CMRR1
0
≤ VCM ≤ VCC -
0.2V (MAX9934T)
-40°C
≤ TA ≤ +125°C
109
TA = +25°C
119
125
-0.1
≤ VCM ≤ 5.5V
(MAX9934F)
-40°C
≤ TA ≤ +125°C
104
TA = +25°C
98
113
Common-Mode Rejection Ratio
(Note 3)
CMRR2
-0.1
≤ VCM ≤ 5.5V
(MAX9934T)
-40°C
≤ TA ≤ +125°C
98
dB
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to www.maximintegrated.com/thermal-tutorial.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com