Electronic Components Datasheet Search
  English  ▼

X  

MAX9934 Datasheet(PDF) 10 Page - Analog Devices

Part # MAX9934
Description  High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9934 Datasheet(HTML) 10 Page - Analog Devices

Back Button MAX9934 Datasheet HTML 6Page - Analog Devices MAX9934 Datasheet HTML 7Page - Analog Devices MAX9934 Datasheet HTML 8Page - Analog Devices MAX9934 Datasheet HTML 9Page - Analog Devices MAX9934 Datasheet HTML 10Page - Analog Devices MAX9934 Datasheet HTML 11Page - Analog Devices MAX9934 Datasheet HTML 12Page - Analog Devices MAX9934 Datasheet HTML 13Page - Analog Devices MAX9934 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MAX9934
High-Precision, Low-Voltage, Current-Sense Amplifier
with Current Output and Chip Select for Multiplexing
10
Maxim Integrated
Detailed Description
The MAX9934 high-side, current-sense amplifier moni-
tors current through an external current-sense resistor
by amplifying the voltage across the resistor (VSENSE)
to create an output current (IOUT). An output voltage
(VOUT) then develops across the external output resis-
tor (ROUT). See the Typical Operating Circuit.
The MAX9934 uses precision amplifier design tech-
niques to achieve a low-input offset voltage of less than
10µV. These techniques also enable extremely low-input
offset voltage drift over time and temperature and
achieve gain error of less than 0.25%. The precision VOS
specification allows accurate current measurements with
a low-value current-sense resistor, thus reducing power
dissipation in battery-powered systems, as well as load-
regulation issues in low-voltage DC power supplies.
The MAX9934 high-side current-sense amplifier fea-
tures a -0.1V to +5.5V input common-mode range that
is independent of supply voltage (VCC). This ability to
sense at voltages beyond the supply rail allows the
monitoring of currents out of a power supply even in a
shorted condition, while also enabling high-side current
sensing at voltages greater than the MAX9934 supply
Pin Description
PIN/BUMP
UCSP
µMAX
NAME
FUNCTION
A1
1
VCC
Power Supply
A2
2
OUT
Current Output. OUT provides an output current proportional to input VSENSE. Connect an
external resistor (ROUT) from OUT to GND for unidirectional sensing or to an external reference
voltage for bidirectional sensing.
A3
3
GND
Ground
B1
8
RS+
Sense Resistor Power Side Connection
B2
7
RS-
Sense Resistor Load Side Connection
B3
6
CS
Chip-Select Input. Drive CS high to enable OUT, drive CS low to put OUT in a high-impedance
state.
—
4, 5
N.C.
No Connection. Not internally connected.
% FINAL VALUE
VOUT
±1V STEP
tS
2V
1V
tS
% FINAL VALUE
VSENSE
Figure 1. Output Settling Time
CS
OUT
GND
RS-
RS+
VCC
*RGAIN
Gm
MAX9934
Gm
*RGAIN = 40
Ω FOR THE MAX9934T AND
RGAIN = 200
Ω FOR THE MAX9934F.
Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com