Electronic Components Datasheet Search
  English  ▼

X  

MAX9934 Datasheet(PDF) 14 Page - Analog Devices

Part # MAX9934
Description  High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9934 Datasheet(HTML) 14 Page - Analog Devices

Back Button MAX9934 Datasheet HTML 10Page - Analog Devices MAX9934 Datasheet HTML 11Page - Analog Devices MAX9934 Datasheet HTML 12Page - Analog Devices MAX9934 Datasheet HTML 13Page - Analog Devices MAX9934 Datasheet HTML 14Page - Analog Devices MAX9934 Datasheet HTML 15Page - Analog Devices MAX9934 Datasheet HTML 16Page - Analog Devices MAX9934 Datasheet HTML 17Page - Analog Devices MAX9934 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
MAX9934
High-Precision, Low-Voltage, Current-Sense Amplifier
with Current Output and Chip Select for Multiplexing
14
Maxim Integrated
A MAX9934 can be deselected by either forcing VCS
low as shown in Figures 4 and 5, or by making VCC =
0V as shown in Figure 6. In all these conditions, the
MAX9934 maintains a high-impedance output with
0.1nA (typ) leakage current. In this state, OUT can rise
above VCC if necessary. Thus, different supply voltages
can be used to power different MAX9934 devices that
are multiplexed on the same OUT bus. Multiplexing by
forcing the MAX9934 to be powered down (VCC = 0V)
reduces its supply current to zero to help extend bat-
tery life in portable applications.
Choosing RSENSE and ROUT
In the current-sense application, the monitored load
current (ILOAD) develops a sense voltage (VSENSE)
across a current-sense resistor (RSENSE). The
MAX9934 sources or sinks an output current that is pro-
portional to VSENSE. Finally, the MAX9934 output cur-
rent is provided to an output resistor (ROUT) to develop
an output voltage across ROUT that is proportional to
the sensed load current.
VCC = 3.3V
RSENSE
-0.1V
≤ VCM ≤ 5.5V
MAX9934
ROUT
10k
Ω
(OPTIONAL)
ADC
CS2
CS1
MICROCONTROLLER
CS
CS3
VCC = 3.3V
RSENSE
-0.1V
≤ VCM ≤ 5.5V
MAX9934
CS
VCC = 3.3V
RSENSE
-0.1V
≤ VCM ≤ 5.5V
MAX9934
CS
1/4 MAX4737
1/4 MAX4737
1/4 MAX4737
VIN1
VIN2
VIN3
ILOAD1
OUT3
OUT2
OUT1
0.1
µF
0.1
µF
0.1
µF
ILOAD3
ILOAD2
Figure 6. Multiplexed Amplifiers with Power Saving



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com