Electronic Components Datasheet Search
  English  ▼

X  

M58PR512LE Datasheet(PDF) 37 Page - Numonyx B.V

Part # M58PR512LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR512LE Datasheet(HTML) 37 Page - Numonyx B.V

Back Button M58PR512LE Datasheet HTML 33Page - Numonyx B.V M58PR512LE Datasheet HTML 34Page - Numonyx B.V M58PR512LE Datasheet HTML 35Page - Numonyx B.V M58PR512LE Datasheet HTML 36Page - Numonyx B.V M58PR512LE Datasheet HTML 37Page - Numonyx B.V M58PR512LE Datasheet HTML 38Page - Numonyx B.V M58PR512LE Datasheet HTML 39Page - Numonyx B.V M58PR512LE Datasheet HTML 40Page - Numonyx B.V M58PR512LE Datasheet HTML 41Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 123 page
background image
M58PR512LE, M58PR001LE
Command interface
37/123
4.22
Suspend EFA Block command
The Suspend EFA Block command pauses a program or erase EFA block operation. The
command can be addressed to any bank. The Resume EFA Block command is required to
restart the suspended operation.
One bus write cycle is required to issue the Suspend EFA Block command. Once the
Program/Erase Controller has paused, bits SR7, SR6 and/ or SR2 of the status register are
set to '1'.
The following commands are accepted during Suspend EFA Block:
–
Resume EFA Block
–
Read Array
–
Read EFA Block (data from erase-suspended blocks or program-suspended
words is not valid)
–
Read Status Register
–
Read Electronic Signature
–
Read CFI Query.
–
Clear Status Register
Additionally, if the suspended operation was an erase EFA block operation then the
following commands are also accepted:
–
Set Configuration Register
–
Program EFA Block (except in the erase-suspended block)
–
Program and Buffer Program in the main array
–
Block Lock
–
Block Lock-down
–
Block Unlock
–
EFA Block Lock
–
EFA Block Lock-down
–
EFA Block Unlock
During Suspend EFA Block the EFA block being erased can be protected by issuing the
EFA Block Lock or EFA Block Lock-down commands. When the Resume EFA Block
command is issued, the operation is resumed and completes. The suspend EFA block
operation can be repeated.
For example, it is possible to suspend an erase EFA block operation, to start a program EFA
block operation, to suspend the program operation, and then read EFA locations.
If a Program EFA Block command is issued during a suspend EFA block operation, the
erase EFA block operation cannot be resumed until the program operation has completed.
The state of the bank where the command was issued do not change.
Refer to Section 11 for detailed information about simultaneous operations allowed during a
suspend EFA block operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com