Electronic Components Datasheet Search
  English  ▼

X  

M58PR512LE Datasheet(PDF) 87 Page - Numonyx B.V

Part # M58PR512LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR512LE Datasheet(HTML) 87 Page - Numonyx B.V

Back Button M58PR512LE Datasheet HTML 83Page - Numonyx B.V M58PR512LE Datasheet HTML 84Page - Numonyx B.V M58PR512LE Datasheet HTML 85Page - Numonyx B.V M58PR512LE Datasheet HTML 86Page - Numonyx B.V M58PR512LE Datasheet HTML 87Page - Numonyx B.V M58PR512LE Datasheet HTML 88Page - Numonyx B.V M58PR512LE Datasheet HTML 89Page - Numonyx B.V M58PR512LE Datasheet HTML 90Page - Numonyx B.V M58PR512LE Datasheet HTML 91Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 123 page
background image
M58PR512LE, M58PR001LE
Package mechanical
87/123
16
Package mechanical
To meet environmental requirements, Numonyx offers these devices in ECOPACK®
packages. These packages have a lead-free, second-level interconnect. In compliance with
JEDEC Standard JESD97, the category of second-level interconnect is marked on the
package and on the inner box label.
The maximum ratings related to soldering conditions are also marked on the inner box label.
ECOPACK specifications are available at: www.numonyx.com.
Figure 22.
TFBGA105 9 × 11 mm - 9 × 12 active ball array, 0.8 mm pitch, package
outline
1.
Drawing is not to scale.
E
D
eb
SE
A2
A1
A
BGA-Z79
ddd
FD
D1
E1
e
FE
BALL "A1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com