Electronic Components Datasheet Search
  English  ▼

X  

M58PR512LE Datasheet(PDF) 31 Page - Numonyx B.V

Part # M58PR512LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR512LE Datasheet(HTML) 31 Page - Numonyx B.V

Back Button M58PR512LE Datasheet HTML 27Page - Numonyx B.V M58PR512LE Datasheet HTML 28Page - Numonyx B.V M58PR512LE Datasheet HTML 29Page - Numonyx B.V M58PR512LE Datasheet HTML 30Page - Numonyx B.V M58PR512LE Datasheet HTML 31Page - Numonyx B.V M58PR512LE Datasheet HTML 32Page - Numonyx B.V M58PR512LE Datasheet HTML 33Page - Numonyx B.V M58PR512LE Datasheet HTML 34Page - Numonyx B.V M58PR512LE Datasheet HTML 35Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 123 page
background image
M58PR512LE, M58PR001LE
Command interface
31/123
4.10
Program/Erase Suspend command
The Program/Erase Suspend command pauses a program or block erase operation. The
command can be addressed to any bank and is required to restart a suspended operation.
One bus write cycle is required to issue the Program/Erase Suspend command. Once the
Program/Erase Controller has paused, bits SR7, SR6 and/ or SR2 of the status register are
set to ‘1’.
The following commands are accepted during Program/Erase Suspend:
–
Program/Erase Resume
–
Read Array (data from erase-suspended block or program-suspended word is not
valid)
–
Read Status Register
–
Read Electronic Signature
–
Read CFI Query
–
Read EFA
–
Clear Status Register
Additionally, if the suspended operation is a block erase then the following commands are
also accepted:
–
Set Configuration Register
–
Program (except in erase-suspended block)
–
Buffer Program (except in erase-suspended blocks)
–
Block Lock
–
Block Lock-Down
–
Block Unlock
–Program EFA
During an erase suspend the block being erased can be protected by issuing the Block Lock
or Block Lock-down commands. When the Program/Erase Resume command is issued the
operation completes.
It is possible to accumulate multiple suspend operations. For example, it is possible to
suspend an erase operation, start a program operation, suspend the program operation,
and then read the array.
If a program command is issued during a block erase suspend, the erase operation cannot
be resumed until the program operation has completed.
The Program/Erase Suspend command does not change the read mode of the banks. If the
suspended bank was in Read EFA, Read Status Register, Read Electronic Signature or
Read CFI Query mode, the bank remains in that mode and outputs the corresponding data.
Refer to Chapter 11 for detailed information about simultaneous operations allowed during
program/erase suspend.
During a Program/Erase Suspend, the device can be placed in standby mode by taking Chip
Enable to VIH. Program/Erase is aborted if Reset, RP, goes to VIL.
See Appendix C, Figure 26: Program suspend and resume flowchart and pseudocode for
flowcharts for using the Program/Erase Suspend command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com