Electronic Components Datasheet Search
  English  ▼

X  

M58PR512LE Datasheet(PDF) 71 Page - Numonyx B.V

Part # M58PR512LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR512LE Datasheet(HTML) 71 Page - Numonyx B.V

Back Button M58PR512LE Datasheet HTML 67Page - Numonyx B.V M58PR512LE Datasheet HTML 68Page - Numonyx B.V M58PR512LE Datasheet HTML 69Page - Numonyx B.V M58PR512LE Datasheet HTML 70Page - Numonyx B.V M58PR512LE Datasheet HTML 71Page - Numonyx B.V M58PR512LE Datasheet HTML 72Page - Numonyx B.V M58PR512LE Datasheet HTML 73Page - Numonyx B.V M58PR512LE Datasheet HTML 74Page - Numonyx B.V M58PR512LE Datasheet HTML 75Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 123 page
background image
M58PR512LE, M58PR001LE
DC and AC parameters
71/123
15
DC and AC parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics tables in this
section are derived from tests performed under the measurement conditions summarized in
Table 24: Operating and AC measurement conditions. Designers should check that the
operating conditions in their circuit match the operating conditions when relying on the
quoted parameters.
Figure 10.
AC measurement I/O waveform
Table 24.
Operating and AC measurement conditions
Parameter
Min
Max
Units
VDD supply voltage
1.7
2.0
V
VDDQ supply voltage
1.7
2.0
V
VPP supply voltage (factory environment)
8.5
9.5
V
VPP supply voltage (application environment)
0.9
2.0
V
Ambient operating temperature
–30
85
°C
Load capacitance (CL)30
pF
Input rise and fall times
3
ns
Input pulse voltages
0 to VDDQ
V
Input and output timing ref. voltages
VDDQ/2
V
AI06161
VDDQ
0 V
VDDQ/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com