Electronic Components Datasheet Search
  English  ▼

X  

M58PR512LE Datasheet(PDF) 61 Page - Numonyx B.V

Part # M58PR512LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR512LE Datasheet(HTML) 61 Page - Numonyx B.V

Back Button M58PR512LE Datasheet HTML 57Page - Numonyx B.V M58PR512LE Datasheet HTML 58Page - Numonyx B.V M58PR512LE Datasheet HTML 59Page - Numonyx B.V M58PR512LE Datasheet HTML 60Page - Numonyx B.V M58PR512LE Datasheet HTML 61Page - Numonyx B.V M58PR512LE Datasheet HTML 62Page - Numonyx B.V M58PR512LE Datasheet HTML 63Page - Numonyx B.V M58PR512LE Datasheet HTML 64Page - Numonyx B.V M58PR512LE Datasheet HTML 65Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 123 page
background image
M58PR512LE, M58PR001LE
Read modes
61/123
10
Read modes
Read operations can be performed in two different ways depending on the settings in the
configuration register. If the clock signal is ‘don’t care’ for the data output, the read operation
is asynchronous. If the data output is synchronized with clock, the read operation is
synchronous.
The read mode and format of the data output are determined by the configuration register.
(See Section 7: Configuration register for details). All banks support both asynchronous and
synchronous read operations.
10.1
Asynchronous read mode
In asynchronous read operations the clock signal is ‘don’t care’. The device outputs the data
corresponding to the address latched, such as the memory array, status register, common
flash interface or electronic signature, depending on the command issued. CR15 in the
configuration register must be set to ‘1’ for asynchronous operations.
Asynchronous read operations can be performed in two different ways, asynchronous
random access read and asynchronous page read. Only asynchronous page read takes full
advantage of the internal page storage, therefore, different timings are applied.
In asynchronous read mode a page of data is internally read and stored in a page buffer.
The page has a size of 16 words and is addressed by address inputs A0, A1, A2 and A3.
During the page access, Amax-A4 and L must remain stable.
The first read operation within the page has a longer access time (tAVQV, Random access
time); subsequent reads within the same page have much shorter access times (tAVQV1,
page access time). If the page changes then the normal, longer timings apply again.
Read operations to read non-array data (status register, electronic signature, CFI) should be
performed in asynchronous single word mode. If the asynchronous page mode is used to
read non-array data, only the first output data is valid and all subsequent data is not
accurately determined.
The asynchronous page read mode is not available in the EFA.
The device features an automatic standby mode. During asynchronous read operations,
after a bus inactivity of 150 ns, the device automatically switches to automatic standby
mode. In this state the power consumption is reduced to the standby value and the outputs
are still driven.
In asynchronous read mode, the Wait signal is always de-asserted.
See Table 28: Asynchronous read AC characteristics, Figure 12: Asynchronous random
access read AC waveforms and Figure 13: Asynchronous page read AC waveforms for
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com