Electronic Components Datasheet Search
  English  ▼

X  

M58PR512LE Datasheet(PDF) 22 Page - Numonyx B.V

Part # M58PR512LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR512LE Datasheet(HTML) 22 Page - Numonyx B.V

Back Button M58PR512LE Datasheet HTML 18Page - Numonyx B.V M58PR512LE Datasheet HTML 19Page - Numonyx B.V M58PR512LE Datasheet HTML 20Page - Numonyx B.V M58PR512LE Datasheet HTML 21Page - Numonyx B.V M58PR512LE Datasheet HTML 22Page - Numonyx B.V M58PR512LE Datasheet HTML 23Page - Numonyx B.V M58PR512LE Datasheet HTML 24Page - Numonyx B.V M58PR512LE Datasheet HTML 25Page - Numonyx B.V M58PR512LE Datasheet HTML 26Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 123 page
background image
Bus operations
M58PR512LE, M58PR001LE
22/123
Table 5.
Bus operations(1)
1.
X = Don't care.
Operation
E
G
W
L
RP
DPD(2)
2.
The DPD signal polarity depends on the value of the ECR14 bit.
WAIT(3)
3.
WAIT signal polarity is configured using the Set Configuration Register command.
DQ15-DQ0
Bus read
VIL
VIL
VIH
VIL
(4)
4.
L can be tied to VIH if the valid address has been previously latched.
VIH
De-
asserted(5)
5.
If ECR15 is set to '0', the device cannot enter the deep power-down mode, even if DPD is asserted.
Data output
Bus write
VIL
VIH
VIL
VIL
(4)
VIH
De-
asserted(5)
Data input
Address latch
VIL
XVIH
VIL
VIH
De-
asserted(5)
Data output or Hi-Z(6)
6.
Depends on G.
Output disable
VIL
VIH
VIH
XVIH
De-
asserted(5)
Hi-Z
Hi-Z
Standby
VIH
XX
X
VIH
De-
asserted(5)
Hi-Z
Hi-Z
Reset
X
X
X
X
VIL
De-
asserted(5)
Hi-Z
Hi-Z
Deep power-
down
VIH
XX
X
VIH
Asserted(7)
7.
ECR15 has to be set to ‘1’ for the device to enter deep power-down.
Hi-Z
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com