Electronic Components Datasheet Search
  English  ▼

X  

M58PR512LE Datasheet(PDF) 65 Page - Numonyx B.V

Part # M58PR512LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR512LE Datasheet(HTML) 65 Page - Numonyx B.V

Back Button M58PR512LE Datasheet HTML 61Page - Numonyx B.V M58PR512LE Datasheet HTML 62Page - Numonyx B.V M58PR512LE Datasheet HTML 63Page - Numonyx B.V M58PR512LE Datasheet HTML 64Page - Numonyx B.V M58PR512LE Datasheet HTML 65Page - Numonyx B.V M58PR512LE Datasheet HTML 66Page - Numonyx B.V M58PR512LE Datasheet HTML 67Page - Numonyx B.V M58PR512LE Datasheet HTML 68Page - Numonyx B.V M58PR512LE Datasheet HTML 69Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 123 page
background image
M58PR512LE, M58PR001LE
Block locking
65/123
12
Block locking
The M58PRxxxLE features an instant, individual block locking scheme that allows any block
to be locked or unlocked with no latency. This locking scheme has three levels of protection.
●
Lock/unlock - this first level allows software only control of block locking.
●
Lock-down - this second level requires hardware interaction before locking can be
changed.
●
VPP ≤VPPLK - the third level offers a complete hardware protection against program
and erase on all blocks.
The protection status of each block can be set to locked, unlocked, and locked-down.
Table 21 defines all of the possible protection states (WP, DQ1, DQ0), and Appendix C,
Figure 29 shows a flowchart for the locking operations.
12.1
Reading a block’s lock status
The lock status of every block can be read in the read electronic signature mode of the
device. To enter this mode issue the Read Electronic Signature command. Subsequent
reads at the address specified in Table 9 output the protection status of that block.
The lock status is represented by DQ0 and DQ1. DQ0 indicates the block lock/unlock status
and is set by the Lock command and cleared by the Unlock command. DQ0 is automatically
set when entering lock-down. DQ1 indicates the lock-down status and is set by the lock-
down command. DQ1 cannot be cleared by software, only by a hardware reset or power-
down.
The following sections explain the operation of the locking system.
12.2
Locked state
The default status of all blocks on power-up or after a hardware reset is locked (states
(0,0,1) or (1,0,1)). Locked blocks are fully protected from program or erase operations. Any
program or erase operations attempted on a locked block returns an error in the status
register. The status of a locked block can be changed to unlocked or locked-down using the
appropriate software commands. An unlocked block can be locked by issuing the Lock
command.
12.3
Unlocked state
Unlocked blocks (states (0,0,0), (1,0,0) (1,1,0)) can be programmed or erased. All unlocked
blocks return to the locked state after a hardware reset or when the device is powered-
down. The status of an unlocked block can be changed to locked or locked-down using the
appropriate software commands. A locked block can be unlocked by issuing the unlock
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com