Electronic Components Datasheet Search
  English  ▼

X  

M58PR512LE Datasheet(PDF) 55 Page - Numonyx B.V

Part # M58PR512LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR512LE Datasheet(HTML) 55 Page - Numonyx B.V

Back Button M58PR512LE Datasheet HTML 51Page - Numonyx B.V M58PR512LE Datasheet HTML 52Page - Numonyx B.V M58PR512LE Datasheet HTML 53Page - Numonyx B.V M58PR512LE Datasheet HTML 54Page - Numonyx B.V M58PR512LE Datasheet HTML 55Page - Numonyx B.V M58PR512LE Datasheet HTML 56Page - Numonyx B.V M58PR512LE Datasheet HTML 57Page - Numonyx B.V M58PR512LE Datasheet HTML 58Page - Numonyx B.V M58PR512LE Datasheet HTML 59Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 123 page
background image
M58PR512LE, M58PR001LE
Configuration register
55/123
In the worst case scenario, the number of wait states is one clock cycle less than the latency
setting. Wait is asserted only once during a continuous burst access. See also Table 16:
Burst type definition.
CR9, CR7, CR6, CR5, CR4 and CR3 are reserved for future use.
Table 15.
Configuration register
Bit
Description
Value
Description
CR15
Read Select
0
Synchronous read
1
Asynchronous read (default at power-on)
CR14-CR11
X latency
0011
3 Clock latency
0100
4 Clock latency
0101
5 Clock latency
0110
6 Clock latency
0111
7 Clock latency
1000
8 Clock latency
1001
9 Clock latency
1010
10 Clock latency
1011
11 Clock latency
1100
12 Clock latency
1101
13 Clock latency
1110
14 Clock latency
1111
15 Clock latency (default)
Other configurations reserved
CR10
Wait polarity
0
WAIT is active Low (default)
1
WAIT is active High
CR9
Reserved(1)
1.
Reserved bits should be cleared to ‘0’.
CR8
Wait
configuration
0
WAIT is active during wait state
1
WAIT is active one data cycle before wait state (default)1
CR7-CR3
Reserved(1)
CR2-CR0
Burst length
010
8 words (wrap only)
011
16 words (wrap only)
111
Continuous (default, no wrap only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com