Electronic Components Datasheet Search
  English  ▼

X  

M58PR512LE Datasheet(PDF) 100 Page - Numonyx B.V

Part # M58PR512LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR512LE Datasheet(HTML) 100 Page - Numonyx B.V

Back Button M58PR512LE Datasheet HTML 96Page - Numonyx B.V M58PR512LE Datasheet HTML 97Page - Numonyx B.V M58PR512LE Datasheet HTML 98Page - Numonyx B.V M58PR512LE Datasheet HTML 99Page - Numonyx B.V M58PR512LE Datasheet HTML 100Page - Numonyx B.V M58PR512LE Datasheet HTML 101Page - Numonyx B.V M58PR512LE Datasheet HTML 102Page - Numonyx B.V M58PR512LE Datasheet HTML 103Page - Numonyx B.V M58PR512LE Datasheet HTML 104Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 123 page
background image
Common flash interface
M58PR512LE, M58PR001LE
100/123
Table 45.
Primary algorithm-specific extended query table
Offset
Data
Description
Value
(P)h = 10Ah
0050h
Primary algorithm extended query table unique ASCII string “PRI”
"P"
0052h
"R"
0049h
"I"
(P+3)h =10Dh 0031h Major version number, ASCII
"1"
(P+4)h = 10Eh 0034h Minor version number, ASCII
"4"
(P+5)h = 10Fh 00E6h Extended query table contents for primary algorithm. Address (P+5)h
contains less significant byte (1 = Yes, 0 = No)
bit 0 Chip Erase supported
bit 1 Erase Suspend supported
bit 2 Program Suspend supported
bit 3 Legacy Lock/Unlock supported
bit 4 Queued Erase supported
bit 5 Instant individual block locking supported
bit 6 Protection bits supported
bit 7 Page mode read supported
bit 8 Synchronous read supported
bit 9 Simultaneous operation supported
bit 10 Extended flash Array Blocks supported
bit 11 to 29 reserved; undefined bits are ‘0’.
bit 30 CFI links to follow
bit 31 Optional features. If bit 31 is ’1’ then another 31 bit field of
optional features follows at the end of the bit-30 field.
No
Yes
Yes
No
No
Yes
Yes
Yes
Yes
Yes
Yes
No
No
(P+6)h = 110h 0007h
(P+7)h = 111h 0000h
(P+8)h = 112h 0000h
(P+9)h = 113h 0001h
Supported functions after suspend
Read Array, Read Status Register and CFI query
bit 0 Program supported after erase suspend (1 = Yes, 0 = No)
bit 7 to 1 Reserved; undefined bits are ‘0’
Yes
(P+A)h = 114h 0033h Block protect status
Defines which bits in the block status register section of the query are
implemented.
bit 0 Block protect status register lock/unlock
bit active (1 = Yes, 0 = No)
bit 1 Block Lock status register Lock-Down bit active (1 = Yes, 0 =
No)
bit 4 EFA Block protect status register Lock/Unlock bit active (1=yes,
2=No)
bit 5 EFA Block Lock status register Lock-Down bit active (1=yes,
2=No)
bit 15 to 6 and 3 to 2 Reserved for future use; undefined bits are ‘0’
Yes
Yes
Yes
Yes
(P+B)h = 115h 0000h
(P+C)h = 116h 0018h
VDD logic supply optimum program/erase voltage (highest
performance)
bit 7 to 4 HEX value in volts
bit 3 to 0 BCD value in 100 mV
1.8 V
(P+D)h = 117h 0090h
VPP supply optimum program/erase voltage
bit 7 to 4 HEX value in volts
bit 3 to 0 BCD value in 100 mV
9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com