Electronic Components Datasheet Search
  English  ▼

X  

M58PR512LE Datasheet(PDF) 102 Page - Numonyx B.V

Part # M58PR512LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR512LE Datasheet(HTML) 102 Page - Numonyx B.V

Back Button M58PR512LE Datasheet HTML 98Page - Numonyx B.V M58PR512LE Datasheet HTML 99Page - Numonyx B.V M58PR512LE Datasheet HTML 100Page - Numonyx B.V M58PR512LE Datasheet HTML 101Page - Numonyx B.V M58PR512LE Datasheet HTML 102Page - Numonyx B.V M58PR512LE Datasheet HTML 103Page - Numonyx B.V M58PR512LE Datasheet HTML 104Page - Numonyx B.V M58PR512LE Datasheet HTML 105Page - Numonyx B.V M58PR512LE Datasheet HTML 106Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 123 page
background image
Common flash interface
M58PR512LE, M58PR001LE
102/123
Table 48.
Bank and erase block region information
Offset(1)
1.
The variable P is a pointer which is defined at CFI offset 015h.
Data
Description
(P+22)h = 12Ch
01h
Number of bank regions within the device(2)
2.
Bank regions. There is one bank region, see tables 37, 38, 39 and 40 in Appendix A.
Table 49.
Bank and erase block region 1 information(1)
Offset
Data
Description
(P+23)h = 12Dh
16h
Data size of this bank region information section (addressable locations
including this one)
(P+24)h = 12Eh
00h
(P+25)h = 12Fh
08h
Number of identical banks within bank region 1
(P+26)h = 130h
00h
(P+27)h = 131h
11h
Number of program or erase operations allowed in bank region 1:
Bits 0-3: number of simultaneous program operations
Bits 4-7: number of simultaneous erase operations
(P+28)h = 132h
00h
Number of program or erase operations allowed in other banks while a
bank in this region is being erased
Bits 0-3: number of simultaneous program operations
Bits 4-7: number of simultaneous erase operations
(P+29)h = 133h
00h
Number of program or erase operations allowed in other banks while a
bank in this region is being erased
Bits 0-3: number of simultaneous program operations
Bits 4-7: number of simultaneous erase operations
(P+2A)h = 134h
01h
Types of erase block regions in bank region 1
n = number of erase block regions with contiguous same-size erase
blocks.
Symmetrically blocked banks have one blocking region(2)
(P+2B)h = 135h
1Fh(3)
3Fh(4)
Bank region 1 Erase block type 1 information
Bits 0-15: n+1 = number of identical-sized erase blocks in each bank
Bits 16-31: n×256 = number of bytes in erase block region
(P+2C)h = 136h
00h
(P+2D)h = 137h
00h
(P+2E)h = 138h
04h
(P+2F)h = 139h
64h
Bank region 1 (Erase block type 1)
Minimum block erase cycles × 1000
(P+30)h = 13Ah
00h
(P+31)h = 13Bh
12h
Bank region 1 (Erase block type 1): bits per cell, internal ECC
Bits 0-3: bits per cell in erase region
Bit 4: reserved for “internal ECC used”
Bits 5-7: reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com