Electronic Components Datasheet Search
  English  ▼

X  

M58PR512LE Datasheet(PDF) 106 Page - Numonyx B.V

Part # M58PR512LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR512LE Datasheet(HTML) 106 Page - Numonyx B.V

Back Button M58PR512LE Datasheet HTML 102Page - Numonyx B.V M58PR512LE Datasheet HTML 103Page - Numonyx B.V M58PR512LE Datasheet HTML 104Page - Numonyx B.V M58PR512LE Datasheet HTML 105Page - Numonyx B.V M58PR512LE Datasheet HTML 106Page - Numonyx B.V M58PR512LE Datasheet HTML 107Page - Numonyx B.V M58PR512LE Datasheet HTML 108Page - Numonyx B.V M58PR512LE Datasheet HTML 109Page - Numonyx B.V M58PR512LE Datasheet HTML 110Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 123 page
background image
Flowcharts and pseudocodes
M58PR512LE, M58PR001LE
106/123
Appendix C
Flowcharts and pseudocodes
Figure 24.
Program and EFA block program flowchart and pseudocode
1.
Any address within the 'A' segment halves (A3=0) in a 1 Kbyte program region configured in control program mode.
If a Program command is issued to a program region configured in the Object Program mode, SR4 and SR8 are set.
2.
Status check of SR1 (protected block), SR3 (VPP invalid) and SR4 (program error) can be made after each program
operation or after a sequence.
3.
If an error is found, the status register must be cleared before further Program/Erase controller operations.
Write 41h (Main Array)
or 44h (EFA) (1)
AI10515
Start
Write Address
& Data
Read Status
Register (3)
YES
NO
SR7 = 1
YES
NO
SR3 = 0
NO
SR4 = 0
VPP Invalid
Error (2, 3)
Program
Error (2, 3)
program_command (addressToProgram, dataToProgram)
/* EFA_program_command (addressToProgram, dataToProgram) */
{
writeToFlash (addressToProgram, 0x41);
/*writeToFlash (addressToProgram, 0x44);*/
/* 41h is the command for program array, while 44h
is the command for program EFA block */
/*see note (1)*/
do {
status_register=readFlash (addressToProgram);
/* see note (3)*/
/* E or G must be toggled*/
} while (status_register.SR7== 0) ;
if (status_register.SR3==1) /*VPP invalid error */
error_handler ( ) ;
YES
End
YES
NO
SR1 = 0
Program to Protected
Block Error (2, 3)
writeToFlash (addressToProgram, dataToProgram) ;
/*Memory enters read status state after
the Program Command*/
if (status_register.SR4==1) /*program error */
error_handler ( ) ;
if (status_register.SR1==1) /*program to protect block error */
error_handler ( ) ;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com