Electronic Components Datasheet Search
  English  ▼

X  

M58PR512LE Datasheet(PDF) 109 Page - Numonyx B.V

Part # M58PR512LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR512LE Datasheet(HTML) 109 Page - Numonyx B.V

Back Button M58PR512LE Datasheet HTML 105Page - Numonyx B.V M58PR512LE Datasheet HTML 106Page - Numonyx B.V M58PR512LE Datasheet HTML 107Page - Numonyx B.V M58PR512LE Datasheet HTML 108Page - Numonyx B.V M58PR512LE Datasheet HTML 109Page - Numonyx B.V M58PR512LE Datasheet HTML 110Page - Numonyx B.V M58PR512LE Datasheet HTML 111Page - Numonyx B.V M58PR512LE Datasheet HTML 112Page - Numonyx B.V M58PR512LE Datasheet HTML 113Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 123 page
background image
M58PR512LE, M58PR001LE
Flowcharts and pseudocodes
109/123
Figure 27.
Block erase and EFA block erase flowchart and pseudocode
1.
Any address within the bank can equally be used.
2.
If an error is found, the status register must be cleared before further program/erase operations.
Write 20h (Main Array)
or 24h (EFA) (1)
AI12858
Start
Write Block
Address & D0h
Read Status
Register (1)
YES
NO
SR7 = 1
YES
NO
SR3 = 0
YES
SR4, SR5 = 1
VPP Invalid
Error (2)
Command
Sequence Error (2)
NO
NO
SR5 = 0
Erase Error (2)
End
YES
NO
SR1 = 0
Erase to Protected
Block Error (2)
YES
erase_command ( blockToErase )
/* EFA_erase_command (blockToErase) { */
writeToFlash (blockToErase, 0x20) ;
/* writeToFlash (blockToErase, 0x24) */
/* 20h is the command for Block Erase while 24h is the
command for Erase EFA Block*/
/*see note (1) */
writeToFlash (blockToErase, 0xD0) ;
/* only A12-Amax are significannt */
/* Memory enters read status state after
the Erase Command */
} while (status_register.SR7== 0) ;
do {
status_register=readFlash (blockToErase) ;
/* see note (1) */
/* E or G must be toggled*/
if (status_register.SR3==1) /*VPP invalid error */
error_handler ( ) ;
if ( (status_register.SR4==1) && (status_register.SR5==1) )
/* command sequence error */
error_handler ( ) ;
if (status_register.SR1==1) /*program to protect block error */
error_handler ( ) ;
if ( (status_register.SR5==1) )
/* erase error */
error_handler ( ) ;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com