Electronic Components Datasheet Search
  English  ▼

X  

M58PR512LE Datasheet(PDF) 112 Page - Numonyx B.V

Part # M58PR512LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR512LE Datasheet(HTML) 112 Page - Numonyx B.V

Back Button M58PR512LE Datasheet HTML 108Page - Numonyx B.V M58PR512LE Datasheet HTML 109Page - Numonyx B.V M58PR512LE Datasheet HTML 110Page - Numonyx B.V M58PR512LE Datasheet HTML 111Page - Numonyx B.V M58PR512LE Datasheet HTML 112Page - Numonyx B.V M58PR512LE Datasheet HTML 113Page - Numonyx B.V M58PR512LE Datasheet HTML 114Page - Numonyx B.V M58PR512LE Datasheet HTML 115Page - Numonyx B.V M58PR512LE Datasheet HTML 116Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 123 page
background image
Flowcharts and pseudocodes
M58PR512LE, M58PR001LE
112/123
Figure 30.
Blank check flowchart and pseudocode
1.
Any address within the bank can equally be used.
2.
If an error is found, the status register must be cleared before further program/erase operations.
Write Block
Address & BCh
Start
SR7 = 1
Write Block
Address & D0h
Read
Status Register (1)
SR1 = 0
SR3 = 0
SR4 = 1
SR5 = 1
SR5 = 0
NO
YES
VPP Invalid
Error (2)
NO
Command Sequence
Error (2)
YES
Erase Error (2)
NO
Protected Block
Error (2)
NO
End
blank_check_command (blockToCheck) {
writeToFlash (blockToCheck, 0xBC);
writeToFlash (blockToCheck, 0xD0);
/* Memory enters read status state after
the Blank Check Command */
do {
status_register = readFlash (blockToCheck);
/* see note (1) */
/* E or G must be toggled */
} while (status_register.SR7==0);
if (status_register.SR3==1)
/* VPP invalid error */
error_handler () ;
if (status_register.SR4==1) && (status_register.SR5==1)
/* command sequence error */
error_handler () ;
if (status_register.SR5==1)
/* erase error */
error_handler () ;
if (status_register.SR1==1)
/* protected block error */
error_handler () ;
}
ai10520



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com