Electronic Components Datasheet Search
  English  ▼

X  

M58PR512LE Datasheet(PDF) 116 Page - Numonyx B.V

Part # M58PR512LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR512LE Datasheet(HTML) 116 Page - Numonyx B.V

Back Button M58PR512LE Datasheet HTML 112Page - Numonyx B.V M58PR512LE Datasheet HTML 113Page - Numonyx B.V M58PR512LE Datasheet HTML 114Page - Numonyx B.V M58PR512LE Datasheet HTML 115Page - Numonyx B.V M58PR512LE Datasheet HTML 116Page - Numonyx B.V M58PR512LE Datasheet HTML 117Page - Numonyx B.V M58PR512LE Datasheet HTML 118Page - Numonyx B.V M58PR512LE Datasheet HTML 119Page - Numonyx B.V M58PR512LE Datasheet HTML 120Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 123 page
background image
Command interface state tables
M58PR512LE, M58PR001LE
116/123
WP in ES
or EFA
Block WP
in ES
setup
WB busy in ES
busy
WP busy in ES
IS in program busy
in ES
WP busy in
ES
IS in program busy in ES
WP busy in
ES
WP
suspend
is ES
WP busy
in ES
IS in program
busy in ES
WP busy in ES
suspend
WP suspend in
ES
IS in PS in ES
WP suspend
in ES
IS in PS in ES
WP busy in
ES
WP suspend is ES
IS in PS in ES
WP suspend in ES
BP in ES
setup (1) (2)
BP load 1 in ES (give word count load (N-1))
BP load 1 (2)
if N=0 go to BP confirm in ES else go to BP load 2 in ES (data load) (4)
BP load 2 (2)
BP confirm in ES when count = 0 else BP load 2 in ES
BP confirm
ES (sequence error)
BP busy in
ES (3)
ES (sequence error)
BP busy
BP busy in ES
IS in BP busy in ES
BP busy in
ES
IS in BP busy in ES
BP busy in
ES
BP
suspend
in ES
BP busy
in ES
IS in BP busy in
ES
BP busy in ES
BP suspend
BP suspend in
ES
IS in BP suspend in
ES suspend
BP suspend
in ES
IS in BP suspend in ES
BP busy in
ES
BP suspend in ES
IS in BP
suspend in ES
BP suspend in ES
Lock/CR/ECR/Lock EFA
block setup in ES
ES (sequence error)
ES (unlock
block)
ES (sequence error)
Blank
Check
setup
ready (sequence error)
blank check
busy
ready (sequence
error)
blank check
busy
BC busy
IS in BC busy
BC busy
IS in BC busy
BC busy
IS in blank
check busy
BC busy
BEFP
mode
setup
ready (sequence error)
BEFP
loading
data
ready (sequence
error)
BEFP Busy (5) (6) BEFP program and verify busy (in block address given matches on BEFP setup command). Commands treated as data
Table 52.
Command interface states - modify table, next state 1 (continued)
command input to chip and resulting chip next state (7)
Current chip state
Read
Array
Read
EFA
Program
Setup
EFA
Program
Setup
BP
Block
Erase
Setup
EFA
Block
Erase
Setup
BEFP
Confirm,
Resume
Program/
Erase
Suspend
Read
Status
FFh
94h
41h
44h
E9h(8,9,10)
20h
24h
80h
D0h
B0h
70h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com