Electronic Components Datasheet Search
  English  ▼

X  

M58PR512LE Datasheet(PDF) 119 Page - Numonyx B.V

Part # M58PR512LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR512LE Datasheet(HTML) 119 Page - Numonyx B.V

Back Button M58PR512LE Datasheet HTML 115Page - Numonyx B.V M58PR512LE Datasheet HTML 116Page - Numonyx B.V M58PR512LE Datasheet HTML 117Page - Numonyx B.V M58PR512LE Datasheet HTML 118Page - Numonyx B.V M58PR512LE Datasheet HTML 119Page - Numonyx B.V M58PR512LE Datasheet HTML 120Page - Numonyx B.V M58PR512LE Datasheet HTML 121Page - Numonyx B.V M58PR512LE Datasheet HTML 122Page - Numonyx B.V M58PR512LE Datasheet HTML 123Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 119 / 123 page
background image
M58PR512LE, M58PR001LE
Command interface state tables
119/123
Table 54.
Command interface states - modify table, next output 1
Current chip state
command input to chip and resulting chip next state
Read
Array
Read
EFA
Block
WP
EFA WP
BP
Erase
Setup
EFA
Block
Erase
Setup
BEFP
Setup
Confirm,
Resume
Program/
Erase
Suspend
Read
Status
FFh
94h
41h
44h
E9h
20h
24h
80h
D0h
B0h
70h
BEFP Setup,
BEFP program and
verify busy,
Erase Setup,
Erase EFA setup
OTP Setup,
BP Confirm,
WP setup,
WP setup in ES,
BP confirm in ES,
blank check setup
status read
EFA block WP setup,
EFA block program
setup in ES
EFA block status read
Lock/CR/ECR setup,
Lock/CR/ECR setup in
ES
status read
EFA block lock setup,
EFA block lock setup in
ES
EFA block status read
OTP busy
read
array
read
EFA
blocks
status
read
EFA block
status
read
output state
does not
change
status
read
EFA
block
status
read
status
read
output state does not
change
status
read
ready, ES, BP suspend,
WP busy, erase busy,
BP busy, BP busy in ES,
WP suspend, WP busy
in ES,
PS in ES,
BP suspend in ES, Blank
Check busy
BP setup, BP load 1,
BP load 2, IS
output state does not change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com