Electronic Components Datasheet Search
  English  ▼

X  

M58PR512LE Datasheet(PDF) 122 Page - Numonyx B.V

Part # M58PR512LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR512LE Datasheet(HTML) 122 Page - Numonyx B.V

Back Button M58PR512LE Datasheet HTML 115Page - Numonyx B.V M58PR512LE Datasheet HTML 116Page - Numonyx B.V M58PR512LE Datasheet HTML 117Page - Numonyx B.V M58PR512LE Datasheet HTML 118Page - Numonyx B.V M58PR512LE Datasheet HTML 119Page - Numonyx B.V M58PR512LE Datasheet HTML 120Page - Numonyx B.V M58PR512LE Datasheet HTML 121Page - Numonyx B.V M58PR512LE Datasheet HTML 122Page - Numonyx B.V M58PR512LE Datasheet HTML 123Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 122 / 123 page
background image
Revision history
M58PR512LE, M58PR001LE
122/123
18
Revision history
Table 56.
Document revision history
Date
Revision
Changes
28-Apr-2006
0.1
Initial release.
15-May-2006
0.2
1Gb density (M58PR001LE part number) added.
VPP range for application environment changed in Table 24:
Operating and AC measurement conditions.
IPP1 unit changed in Table 26: DC characteristics - currents.
14-Nov-2006
1
Document status promoted from Target Specification to Preliminary
Data.
Address lines modified in Figure 13: Asynchronous page read AC
waveforms. VPP max value modified in Table 23: Absolute maximum
ratings. Small text changes.
06-Sep-2007
2
Modified Section 4.18: Set Enhanced Configuration Register
command and Section 4.22: Suspend EFA Block command.
Updated Table 22: Program/erase times and endurance cycles,
Table 23: Absolute maximum ratings, Table 26: DC characteristics -
currents, Table 28: Asynchronous read AC characteristics, and
Table 30: Write AC characteristics, write enable controlled.
Added tLLTV timing in Table 29: Synchronous read AC characteristics
and Figure 15: Single synchronous read AC waveforms.
Modified Figure 28: Erase suspend and resume flowchart and
pseudocode.
Document status promoted from Preliminary Data to Datasheet.
19-Nov-2007
3
Added the TFBGA105 (ZAD) and TFBGA107 (ZAC) packages to the
document, most specifically in Figure 2: TFBGA105 connections (top
view through package), Figure 3: TFBGA107 connections (top view
through package), Figure 22: TFBGA105 9 × 11 mm - 9 × 12 active
ball array, 0.8 mm pitch, package outline, Figure 23: TFBGA107 8 ×
11 mm - 9 × 12 active ball array, 0.8 mm pitch, package outline,
Table 34: TFBGA105 9 × 11 mm - 9 × 12 active ball array, 0.8 mm
pitch, mechanical data, and Table 35: Stacked TFBGA107 8 × 11
mm - 9 × 12 active ball array, 0.8 mm pitch, package mechanical
data. Changed the maximum IDD7 value for ”program/erase in one
bank, asynchronous read in another bank” from 80 to 85.
21-Mar-2008
4
Removed the 256 Mbit density and all its associated data from the
document. Applied the Numonyx branding. Changed all the IDD1,
IDD2, IDD3, IDD4, IDD6, and IDD8 maximum values inTable 26.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com