Electronic Components Datasheet Search
  English  ▼

X  

M58PR512LE Datasheet(PDF) 104 Page - Numonyx B.V

Part # M58PR512LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR512LE Datasheet(HTML) 104 Page - Numonyx B.V

Back Button M58PR512LE Datasheet HTML 100Page - Numonyx B.V M58PR512LE Datasheet HTML 101Page - Numonyx B.V M58PR512LE Datasheet HTML 102Page - Numonyx B.V M58PR512LE Datasheet HTML 103Page - Numonyx B.V M58PR512LE Datasheet HTML 104Page - Numonyx B.V M58PR512LE Datasheet HTML 105Page - Numonyx B.V M58PR512LE Datasheet HTML 106Page - Numonyx B.V M58PR512LE Datasheet HTML 107Page - Numonyx B.V M58PR512LE Datasheet HTML 108Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 123 page
background image
Common flash interface
M58PR512LE, M58PR001LE
104/123
Table 51.
Extended flash array bank and erase block region 1 information
Offset(1)
Data
Description
(P+3A)h = 144h
16h
Data size of this bank region information section (addressable locations
including this one)
(P+3B)h = 145h
00h
(P+3C)h = 146h
01h
Number of identical banks within bank region 1
(P+3D)h = 147h
00h
(P+3E)h = 148h
11h
Number of program or erase operations allowed in bank region 1:
Bits 0-3: number of simultaneous program operations
Bits 4-7: number of simultaneous erase operations
(P+3F)h = 149h
00h
Number of program or erase operations allowed in other banks while a
bank in this region is being erased
Bits 0-3: number of simultaneous program operations
Bits 4-7: number of simultaneous erase operations
(P+40)h = 14Ah
00h
Number of program or erase operations allowed in other banks while a
bank in this region is being erased
Bits 0-3: number of simultaneous program operations
Bits 4-7: number of simultaneous erase operations
(P+41)h = 14Bh
01h
Types of erase block regions in bank region 1
n = number of erase block regions with contiguous same-size erase
blocks.
Symmetrically blocked banks have one blocking region(2).
(P+42)h = 14Ch
03h
Bank region 1 Erase block type 1 information
Bits 0-15: n+1 = number of identical-sized erase blocks in each bank
Bits 16-31: n×256 = number of bytes in erase block region
(P+43)h = 14Dh
00h
(P+44)h = 14Eh
20h
(P+45)h = 14Fh
00h
(P+46)h = 150h
64h
Bank region 1 (Erase block type 1)
Minimum block erase cycles × 1000
(P+47)h = 151h
00h
(P+48)h = 152h
01h
Bank region 1 (Erase block type 1): bits per cell, internal ECC
Bits 0-3: bits per cell in erase region
Bit 4: reserved for internal ECC used
BIts 5-7: reserved
(P+49)h = 153h
03h
Bank region 1 (Erase block type 1): page mode and synchronous mode
capabilities
Bit 0: page-mode reads permitted
Bit 1: synchronous reads permitted
Bit 2: synchronous writes permitted
Bits 3-7: reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com