Electronic Components Datasheet Search
  English  ▼

X  

M58PR512LE Datasheet(PDF) 101 Page - Numonyx B.V

Part # M58PR512LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR512LE Datasheet(HTML) 101 Page - Numonyx B.V

Back Button M58PR512LE Datasheet HTML 97Page - Numonyx B.V M58PR512LE Datasheet HTML 98Page - Numonyx B.V M58PR512LE Datasheet HTML 99Page - Numonyx B.V M58PR512LE Datasheet HTML 100Page - Numonyx B.V M58PR512LE Datasheet HTML 101Page - Numonyx B.V M58PR512LE Datasheet HTML 102Page - Numonyx B.V M58PR512LE Datasheet HTML 103Page - Numonyx B.V M58PR512LE Datasheet HTML 104Page - Numonyx B.V M58PR512LE Datasheet HTML 105Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 123 page
background image
M58PR512LE, M58PR001LE
Common flash interface
101/123
Table 46.
Protection Register information
Offset
Data
Description
Value
(P+E)h = 118h
0002h
Number of protection register fields in JEDEC ID space.
0000h indicates that 256 fields are available.
2
(P+F)h = 119h
0080h
Protection field 1: protection description
Bits 0-7 Lower byte of protection register address
Bits 8-15 Upper byte of protection register address
Bits 16-23 2n bytes in factory pre-programmed region
Bits 24-31 2n bytes in user programmable region
80h
(P+10)h = 11Ah
0000h
00h
(P+ 11)h = 11Bh
0003h
8 bytes
(P+12)h = 11Ch
0003h
8 bytes
(P+13)h = 11Dh
0089h
Protection Register 2: protection description
Bits 0-31 protection register address
Bits 32-39 n number of factory programmed regions (lower
byte)
Bits 40-47 n number of factory programmed regions (upper
byte)
Bits 48-55 2n bytes in factory programmable region
Bits 56-63 n number of user programmable regions (lower
byte)
Bits 64-71 n number of user programmable regions (upper
byte)
Bits 72-79 2n bytes in user programmable region
89h
(P+14)h = 11Eh
0000h
00h
(P+15)h = 11Fh
0000h
00h
(P+16)h = 120h
0000h
00h
(P+17)h = 121h
0000h
0
(P+18)h = 122h
0000h
0
(P+19)h = 123h
0000h
0
(P+1A)h = 124h
0010h
16
(P+1B)h = 125h
0000h
0
(P+1C)h = 126h
0004h
16
Table 47.
Burst Read information
Offset
Data
Description
Value
(P+1D)h = 127h 0005h
Page-mode read capability
bits 0-7 ’n’ such that 2n HEX value represents the number of read-
page bytes. See offset 0028h for device word width to determine
page-mode data output width.
32
bytes
(P+1E)h = 128h 0003h
Number of synchronous mode read configuration fields that
follow.
3
(P+1F)h = 129h 0002h
Synchronous mode read capability configuration 1
bit 3-7 Reserved
bit 0-2 ’n’ such that 2n+1 HEX value represents the maximum
number of continuous synchronous reads when the device is
configured for its maximum word width. A value of 07h indicates
that the device is capable of continuous linear bursts that will
output data until the internal burst counter reaches the end of the
device’s burstable address space. This field’s 3-bit value can be
written directly to the read configuration register bit 0-2 if the
device is configured for its maximum word width. See offset
0028h for word width to determine the burst data output width.
8
(P+20)h = 12Ah 0003h Synchronous mode read capability configuration 2
16
(P-21)h = 12Bh
0007h Synchronous mode read capability configuration 3
Cont.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com