Electronic Components Datasheet Search
  English  ▼

X  

SMC032AFY6 Datasheet(PDF) 36 Page - Numonyx B.V

Part # SMC032AFY6
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AFY6 Datasheet(HTML) 36 Page - Numonyx B.V

Back Button SMC032AFY6 Datasheet HTML 32Page - Numonyx B.V SMC032AFY6 Datasheet HTML 33Page - Numonyx B.V SMC032AFY6 Datasheet HTML 34Page - Numonyx B.V SMC032AFY6 Datasheet HTML 35Page - Numonyx B.V SMC032AFY6 Datasheet HTML 36Page - Numonyx B.V SMC032AFY6 Datasheet HTML 37Page - Numonyx B.V SMC032AFY6 Datasheet HTML 38Page - Numonyx B.V SMC032AFY6 Datasheet HTML 39Page - Numonyx B.V SMC032AFY6 Datasheet HTML 40Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 82 page
background image
Card configuration
SMCxxxAF
36/82
6.6
I/O transfer function
The I/O transfer to or from the card can be either 8 or 16 bits. When a 16 bit accessible port
is addressed, the –IOIS16 signal is asserted by the card, otherwise it is de-asserted. When
a 16 bit transfer is attempted, and the –IOIS16 signal is not asserted, the system must
generate a pair of 8 bit references to access the word’s even and odd bytes. The card
permits both 8 and 16 bit accesses to all of its I/O addresses, so –IOIS16 is asserted for all
addresses (see Table 32).
Table 32.
I/O function
Function code
–REG
–CE2
–CE1
A0
–IORD
–IOWR
D15 to D8
D7 to D0
Standby mode
X
H
H
X
X
X
High Z
High Z
Byte input access
(8 bits)
L
L
H
H
L
L
L
H
L
L
H
H
High Z
High Z
Even byte
Odd byte
Byte output access
(8 bits)
L
L
H
H
L
L
L
H
H
H
L
L
Don’t care
Don’t care
Even byte
Odd byte
Word input access
(16 bits)
L
L
L
L
L
H
Odd byte
Even byte
Word output access
(16 bits)
L
L
L
L
H
L
Odd byte
Even byte
I/O Read Inhibit
H
X
X
X
L
H
Don’t care
Don’t care
I/O Write inhibit
H
X
X
X
H
L
High Z
High Z
High byte input only
(8 bits)
L
L
H
X
L
H
Odd byte
High Z
High byte output only
(8 bits)
L
L
H
X
H
L
Odd byte
Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com