Electronic Components Datasheet Search
  English  ▼

X  

SMC032AFY6 Datasheet(PDF) 27 Page - Numonyx B.V

Part # SMC032AFY6
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AFY6 Datasheet(HTML) 27 Page - Numonyx B.V

Back Button SMC032AFY6 Datasheet HTML 23Page - Numonyx B.V SMC032AFY6 Datasheet HTML 24Page - Numonyx B.V SMC032AFY6 Datasheet HTML 25Page - Numonyx B.V SMC032AFY6 Datasheet HTML 26Page - Numonyx B.V SMC032AFY6 Datasheet HTML 27Page - Numonyx B.V SMC032AFY6 Datasheet HTML 28Page - Numonyx B.V SMC032AFY6 Datasheet HTML 29Page - Numonyx B.V SMC032AFY6 Datasheet HTML 30Page - Numonyx B.V SMC032AFY6 Datasheet HTML 31Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 82 page
background image
SMCxxxAF
Command interface
27/82
Figure 7.
I/O Write timing diagram
1.
DIN signifies data provided by the system to the CompactFlash memory card or CF+ card.
AI10085b
Address Inputs
D0 to D15 (DIN)
VALID
–REG
–CE2/–CE1
–IOWR
tsuCE(IOWR)
tsuA(IOWR)
DIN VALID
–IOIS16
tsuREG(IOWR)
thA(IOWR)
thREG(IOWR)
thCE(IOWR)
tsu(IOWR)
tdrIOIS16(ADR)
tdfIOIS16(ADR)
th(IOWR)
tw(IOWR)
Table 21.
I/O Write timing(1)
Cycle time mode
250 ns
Symbol
IEEE symbol
Parameter
Min
Max
Unit
tsu(IOWR)
tQVIWH
Data Setup before IOWR
60
ns
th(IOWR)
tIWHQX
Data Hold following IOWR
30
ns
tw(IOWR)
tIWLIWH
IOWR Width time
165
ns
tsuA(IOWR)
tAVIWL
Address Setup before IOWR
70
ns
thA(IOWR)
tIWHAX
Address Hold following IOWR
20
ns
tsuCE(IOWR)
tELIWL
CE Setup before IOWR
5
ns
thCE(IOWR)
tIWHEH
CE Hold following IOWR
20
ns
tsuREG(IOWR)
tRGLIWL
REG Setup before IOWR
5
ns
thREG(IOWR)
tIWHRGH
REG Hold following IOWR
0
ns
tdfIOIS16(A)
tAVISL
IOIS16 Delay Falling from Address
35
ns
tdrIOIS16(A)
tAVISH
IOIS16 Delay Rising from Address
35
ns
1.
ST CF does not assert the WAIT signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com