Electronic Components Datasheet Search
  English  ▼

X  

SMC032AFY6 Datasheet(PDF) 77 Page - Numonyx B.V

Part # SMC032AFY6
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AFY6 Datasheet(HTML) 77 Page - Numonyx B.V

Back Button SMC032AFY6 Datasheet HTML 73Page - Numonyx B.V SMC032AFY6 Datasheet HTML 74Page - Numonyx B.V SMC032AFY6 Datasheet HTML 75Page - Numonyx B.V SMC032AFY6 Datasheet HTML 76Page - Numonyx B.V SMC032AFY6 Datasheet HTML 77Page - Numonyx B.V SMC032AFY6 Datasheet HTML 78Page - Numonyx B.V SMC032AFY6 Datasheet HTML 79Page - Numonyx B.V SMC032AFY6 Datasheet HTML 80Page - Numonyx B.V SMC032AFY6 Datasheet HTML 81Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 82 page
background image
SMCxxxAF
CIS information (typical)
77/82
--------
00BA: Code 1B, link 06
01 01 21 B5 1E 4D
--------
–
Tuple CISTPL_CFTABLE_ENTRY (1B), length 6 (06)
–
Configuration Table Index is 01
–VCC power description: Nom V = 3.30 V,
–
Peak I = 45.0 mA
--------
00CA: Code 1B, link 0F
C2 41 99 01 55 EA 61 F0 01 07 F6 03 01 EE 20
--------
–
Tuple CISTPL_CFTABLE_ENTRY (1B), length 15 (0F)
–
Configuration Table Index is 02 (default)
–
Interface type is I/O
–
BVDs not active, WP not active, RdyBsy active
–
Wait signal support not required
–VCC power description:
–
Nom V = 5.0 V
–
Decode 10 I/O lines, bus size 8 or 16
–
I/O block at 01F0, length 8
–
I/O block at 03F6, length 2
–
IRQ may be shared, pulse and level mode interrupts are supported
–
Only IRQ14 is supported
–
Miscellaneous features: Max Twins 0, -Audio, -ReadOnly, +PowerDown
--------
00EC: Code 1B, link 06
02 01 21 B5 1E 4D
--------
–
Tuple CISTPL_CFTABLE_ENTRY (1B), length 6 (06)
–
Configuration table index is 02
–VCC power description: Nom V = 3.30 V, Peak I = 45.0 mA
--------
00FC: Code 1B, link 0F
C3 41 99 01 55 EA 61 70 01 07 76 03 01 EE 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com