Electronic Components Datasheet Search
  English  ▼

X  

SMC032AFY6 Datasheet(PDF) 72 Page - Numonyx B.V

Part # SMC032AFY6
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AFY6 Datasheet(HTML) 72 Page - Numonyx B.V

Back Button SMC032AFY6 Datasheet HTML 68Page - Numonyx B.V SMC032AFY6 Datasheet HTML 69Page - Numonyx B.V SMC032AFY6 Datasheet HTML 70Page - Numonyx B.V SMC032AFY6 Datasheet HTML 71Page - Numonyx B.V SMC032AFY6 Datasheet HTML 72Page - Numonyx B.V SMC032AFY6 Datasheet HTML 73Page - Numonyx B.V SMC032AFY6 Datasheet HTML 74Page - Numonyx B.V SMC032AFY6 Datasheet HTML 75Page - Numonyx B.V SMC032AFY6 Datasheet HTML 76Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 82 page
background image
CF-ATA command description
SMCxxxAF
72/82
9.25
Write Multiple without Erase command (CDh)
This command is similar to the Write Multiple command with the exception that an implied
erase before write operation is not performed. The sectors should be pre-erased with the
Erase Sector(s) command before this command is issued. Table 77 defines the Write
Multiple without Erase command byte sequence.
9.26
Write Sector(s) command (30h or 31h)
This command writes from 1 to 256 sectors as specified in the Sector Count register. A
sector count of zero requests 256 sectors. The transfer begins at the sector specified in the
Sector Number register. When this command is accepted, the Card sets BSY, sets DRQ
and clears BSY, then waits for the host to fill the sector buffer with the data to be written. No
interrupt is generated to start the first host transfer operation. No data should be transferred
by the host until BSY has been cleared by the host.
For multiple sectors, after the first sector of data is in the buffer, BSY will be set and DRQ
will be cleared. After the next buffer is ready for data, BSY is cleared, DRQ is set and an
interrupt is generated. When the final sector of data is transferred, BSY is set and DRQ is
cleared. It will remain in this state until the command is completed at which time BSY is
cleared and an interrupt is generated. If an error occurs during a write of more than one
sector, writing terminates at the sector where the error occurred. The Command Block
registers contain the cylinder, head and sector number of the sector where the error
occurred. The host may then read the command block to determine what error has
occurred, and on which sector. Table 78 defines the Write Sector(s) command byte
sequence.
Table 77.
Write Multiple without Erase
Bit
7
6
5
4
3
2
1
0
Command (7)
CDh
C/D/H (6)
X
LBA
1
Driv
e
Head
Cyl High (5)
Cylinder High
Cyl Low (4)
Cylinder Low
Sect Num (3)
Sector Number
Sect Cnt (2)
Sector Count
Feature (1)
X
Table 78.
Write Sector(s)
Bit
7
6
5432
1
0
Command (7)
30h or 31h
C/D/H (6)
1
LBA
1
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sect Num (3)
Sector Number (LBA 7-0)
Sect Cnt (2)
Sector Count
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com