Electronic Components Datasheet Search
  English  ▼

X  

SMC032AFY6 Datasheet(PDF) 11 Page - Numonyx B.V

Part # SMC032AFY6
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AFY6 Datasheet(HTML) 11 Page - Numonyx B.V

Back Button SMC032AFY6 Datasheet HTML 7Page - Numonyx B.V SMC032AFY6 Datasheet HTML 8Page - Numonyx B.V SMC032AFY6 Datasheet HTML 9Page - Numonyx B.V SMC032AFY6 Datasheet HTML 10Page - Numonyx B.V SMC032AFY6 Datasheet HTML 11Page - Numonyx B.V SMC032AFY6 Datasheet HTML 12Page - Numonyx B.V SMC032AFY6 Datasheet HTML 13Page - Numonyx B.V SMC032AFY6 Datasheet HTML 14Page - Numonyx B.V SMC032AFY6 Datasheet HTML 15Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
SMCxxxAF
Description
11/82
Table 2.
System performance
System performance
Max
Unit
Sleep to write
2.2
ms
Sleep to read
2.4
ms
Power-up to ready
80
ms
Data transfer rate (burst)
16.6 (113X)(1)
1.
113X, 83X and 49X, speed grade markings where 1X = 150 Kbytes/s. All values refer to the 256-Mbyte
CompactFlash card in PIO mode 4, cycle time 120 ns.
Mbit/s
Sustained Read
12.2 (83X)(1)
Mbit/s
Sustained Write
7.2 (49X)(1)
Mbit/s
Command to DRQ
Read
180
µs
Write
40
Table 3.
Current consumption(1)
1.
All values are typical at 25 °C and nominal supply voltage and refer to 256-Mbyte CompactFlash card.
Current consumption (typ)
3.3 V
5 V
Unit
Read
57
60
mA
Write
70
71
mA
Standby
0.4
1
mA
Sleep mode
0.4
1
mA
Table 4.
Environmental specifications
Environmental specifications
Operating
Non-operating
Temperature
–40 to 85 °C
–50 to 100 °C
Humidity (non-condensing)
N/A
85% RH, at 85 °C
Salt water spray
N/A
3% NaCl at 35 °C(1)
1.
MIL STD METHOD 1009.
Vibration (peak -to-peak)
N/A
30 Gmax
Shock
N/A
3,000 Gmax
Table 5.
Physical dimensions
Physical dimensions
Unit
Width
42.8
mm
Height
36.4
mm
Thickness
3.3
mm
Weight (typ)
10
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com