Electronic Components Datasheet Search
  English  ▼

X  

SMC032AFY6 Datasheet(PDF) 12 Page - Numonyx B.V

Part # SMC032AFY6
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AFY6 Datasheet(HTML) 12 Page - Numonyx B.V

Back Button SMC032AFY6 Datasheet HTML 8Page - Numonyx B.V SMC032AFY6 Datasheet HTML 9Page - Numonyx B.V SMC032AFY6 Datasheet HTML 10Page - Numonyx B.V SMC032AFY6 Datasheet HTML 11Page - Numonyx B.V SMC032AFY6 Datasheet HTML 12Page - Numonyx B.V SMC032AFY6 Datasheet HTML 13Page - Numonyx B.V SMC032AFY6 Datasheet HTML 14Page - Numonyx B.V SMC032AFY6 Datasheet HTML 15Page - Numonyx B.V SMC032AFY6 Datasheet HTML 16Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 82 page
background image
Capacity specification
SMCxxxAF
12/82
2
Capacity specification
Table 6 shows the specific capacity for the various CF models and the default number of
heads, sector/tracks and cylinders.
Table 6.
CF capacity specification
Model No
Capacity
Default_cylinders Default_heads
Default_sectors_
track
Sectors_card
Total
addressable
capacity
(byte)
SMC032
32 Mbyte
492 (0x1EC)
8 (0x08)
16 (0x10)
62976
32243712
SMC064
64 Mbyte
496 (0x1F0)
8 (0x08)
32 (0x20)
126976
65011712
SMC128
128 Mbyte
498 (0x1F2)
16 (0x10)
32 (0x20)
254976
130547712
SMC256
256 Mbyte
998 (0x3E6)
16 (0x10)
32 (0x20)
510976
261619712
SMC512
512 Mbyte
1014 (0x3F6)
16 (0x10)
63 (0x3F)
1022112
523321344
Table 7.
System reliability and maintenance
MTBF (at 25 °C)
> 3,000,000 hours
Insertions/removals
> 10,000
Preventive maintenance
None
Data reliability
< 1 non-recoverable error per 1014 bits Read
Endurance
0 + 70 C > 2,000,000 Erase/Program cycles(1)
-40 + 85 C > 600,000 Erase/Program cycles(1)
1.
Dependent on final system qualification data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com