Electronic Components Datasheet Search
  English  ▼

X  

SMC032AFY6 Datasheet(PDF) 63 Page - Numonyx B.V

Part # SMC032AFY6
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AFY6 Datasheet(HTML) 63 Page - Numonyx B.V

Back Button SMC032AFY6 Datasheet HTML 59Page - Numonyx B.V SMC032AFY6 Datasheet HTML 60Page - Numonyx B.V SMC032AFY6 Datasheet HTML 61Page - Numonyx B.V SMC032AFY6 Datasheet HTML 62Page - Numonyx B.V SMC032AFY6 Datasheet HTML 63Page - Numonyx B.V SMC032AFY6 Datasheet HTML 64Page - Numonyx B.V SMC032AFY6 Datasheet HTML 65Page - Numonyx B.V SMC032AFY6 Datasheet HTML 66Page - Numonyx B.V SMC032AFY6 Datasheet HTML 67Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 82 page
background image
SMCxxxAF
CF-ATA command description
63/82
9.13
Recalibrate command (1Xh)
This command is effectively a NOP command to the card and is provided for compatibility
purposes. Table 61 defines the Recalibrate command byte sequence.
9.14
Request Sense command (03h)
This command requests extended error information for the previous command. Table 62
defines the Request Sense command byte sequence. Table 63 defines the valid extended
error codes. The extended error code is returned to the host in the Error register.
Table 60.
Read Verify Sector(s)
Bit
7
6
5432
1
0
Command (7)
40h or 41h
C/D/H (6)
1
LBA
1
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sect Num (3)
Sector Number (LBA 7-0)
Sect Cnt (2)
Sector Count
Feature (1)
X
Table 61.
Recalibrate
Bit
7
6
5432
1
0
Command (7)
1Xh
C/D/H (6)
1
LBA
1
Drive
X
Cyl High (5)
X
Cyl Low (4)
X
Sect Num (3)
X
Sect Cnt (2)
X
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com