Electronic Components Datasheet Search
  English  ▼

X  

SMC032AFY6 Datasheet(PDF) 79 Page - Numonyx B.V

Part # SMC032AFY6
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AFY6 Datasheet(HTML) 79 Page - Numonyx B.V

Back Button SMC032AFY6 Datasheet HTML 74Page - Numonyx B.V SMC032AFY6 Datasheet HTML 75Page - Numonyx B.V SMC032AFY6 Datasheet HTML 76Page - Numonyx B.V SMC032AFY6 Datasheet HTML 77Page - Numonyx B.V SMC032AFY6 Datasheet HTML 78Page - Numonyx B.V SMC032AFY6 Datasheet HTML 79Page - Numonyx B.V SMC032AFY6 Datasheet HTML 80Page - Numonyx B.V SMC032AFY6 Datasheet HTML 81Page - Numonyx B.V SMC032AFY6 Datasheet HTML 82Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 79 / 82 page
background image
SMCxxxAF
Package mechanical
79/82
11
Package mechanical
In order to meet environmental requirements, Numonyx offers these devices in ECOPACK®
packages. These packages have a Lead-free second-level interconnect. The category of
second-level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97.
The maximum ratings related to soldering conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at:
www.numonyx.com.
Figure 9.
Type I CompactFlash memory card dimensions
26
50
125
1.60mm ± 0.5
(0.063in ± 0.002)
3.30mm ± 0.10
(0.130in ± 0.004)
1.01mm ± 0.07
(0.039in ± 0.003)
1.01mm ± 0.07
(0.039in ± 0.003)
0.99mm± 0.05
(0.039in ± 0.002)
2.15mm ± 0.07
(0.085in ± 0.003)
0.76mm ± 0.07
(0.030in ± 0.003)
0.63mm ± 0.07
(0.025in ± 0.003)
41.66mm ± 0.13
(1.640in ± 0.005)
42.80mm ± 0.10
(1.685in ± 0.004)
4X R 0.5mm ± 0.1
(4X R 0.020in ± 0.004)
Optional
Configuration
(see note)
AI04301b
2.44mm ± 0.07
(0.096in ± 0.003)
1.65mm
(0.130in)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com