Electronic Components Datasheet Search
  English  ▼

X  

SMC032AFY6 Datasheet(PDF) 37 Page - Numonyx B.V

Part # SMC032AFY6
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AFY6 Datasheet(HTML) 37 Page - Numonyx B.V

Back Button SMC032AFY6 Datasheet HTML 33Page - Numonyx B.V SMC032AFY6 Datasheet HTML 34Page - Numonyx B.V SMC032AFY6 Datasheet HTML 35Page - Numonyx B.V SMC032AFY6 Datasheet HTML 36Page - Numonyx B.V SMC032AFY6 Datasheet HTML 37Page - Numonyx B.V SMC032AFY6 Datasheet HTML 38Page - Numonyx B.V SMC032AFY6 Datasheet HTML 39Page - Numonyx B.V SMC032AFY6 Datasheet HTML 40Page - Numonyx B.V SMC032AFY6 Datasheet HTML 41Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 82 page
background image
SMCxxxAF
Card configuration
37/82
6.7
Common memory transfer function
The common memory transfer to or from the card permits both 8 or 16 bit access to all of the
common memory addresses. (see Table 33).
Table 33.
Common memory function
Function code
–REG
–CE2
–CE1
A0
–OE
–WE
D15 to D8
D7 to D0
Standby mode
X
H
H
X
X
X
High Z
High Z
Byte Read access
(8 bits)
H
H
H
H
L
L
L
H
L
L
H
H
High Z
High Z
Even byte
Odd byte
Byte Write access
(8 bits)
H
H
H
H
L
L
L
H
H
H
L
L
Don’t care
Don’t care
Even byte
Odd byte
Word Read access
(16 bits)
H
L
L
X
L
H
Odd byte
Even byte
Word Write access
(16 bits)
H
L
L
X
H
L
Odd byte
Even byte
Odd byte read only
(8 bits)
HL
HX
L
H
Odd byte
High Z
Odd byte write only
(8 bits)
HL
HX
H
L
Odd byte
Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com