Electronic Components Datasheet Search
  English  ▼

X  

SMC032AFY6 Datasheet(PDF) 18 Page - Numonyx B.V

Part # SMC032AFY6
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AFY6 Datasheet(HTML) 18 Page - Numonyx B.V

Back Button SMC032AFY6 Datasheet HTML 14Page - Numonyx B.V SMC032AFY6 Datasheet HTML 15Page - Numonyx B.V SMC032AFY6 Datasheet HTML 16Page - Numonyx B.V SMC032AFY6 Datasheet HTML 17Page - Numonyx B.V SMC032AFY6 Datasheet HTML 18Page - Numonyx B.V SMC032AFY6 Datasheet HTML 19Page - Numonyx B.V SMC032AFY6 Datasheet HTML 20Page - Numonyx B.V SMC032AFY6 Datasheet HTML 21Page - Numonyx B.V SMC032AFY6 Datasheet HTML 22Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 82 page
background image
Electrical interface
SMCxxxAF
18/82
READY
(PC card memory mode)
O37
Indicates whether the card is busy (Low), or ready to
accept a new data transfer operation (High). The Host
socket must provide a pull-up resistor. At power-up and
reset, the READY signal is held Low until the commands
are completed. No access should be made during this
time. The READY signal is held High whenever the card
has been powered up with RESET continuously
disconnected or asserted.
–IREQ
(PC card I/O mode)
Interrupt request. It is strobed Low to generate a pulse
mode interrupt or held Low for a level mode interrupt.
INTRQ
(True IDE mode)
Active High Interrupt request to the host.
–REG
(PC card memory mode)
I44
Used to distinguish between common memory and
register (attribute) memory accesses. High for common
memory, Low for attribute memory.
–REG
(PC card I/O mode)
Must be Low during I/O cycles when the I/O address is on
the bus.
Reserved
(True IDE mode)
Not used, should be connected to VCC by the host.
RESET
(PC card memory mode)
I41
Resets the card (active High). The card is reset at power-
up only if this pin is left High or unconnected.
RESET
(PC card I/O mode)
Same as PC card memory mode.
–RESET
(True IDE mode)
Hardware Reset from the host (active Low).
VCC
(PC card memory mode)
13,38
+5 V, +3.3 V power.
VCC
(PC card I/O mode)
Same for all modes.
VCC
(True IDE mode)
Same for all modes.
–VS1, –VS2
(PC card memory mode)
O33,40
Voltage sense signals.–VS1 is grounded so that the CIS
can be read at 3.3 volts and –VS2 is reserved by PCMCIA
for a secondary voltage.
–VS1, –VS2
(PC card I/O mode)
Same for all modes.
–VS1, –VS2
(True IDE mode)
Same for all modes.
–WAIT
(PC card memory mode)
O
42
ST CF does not assert the WAIT (IORDY) signal.
–WAIT
(PC card I/O mode)
IORDY
(True IDE mode)
Table 9.
Signal description (continued)
Signal name
Direction
Pin
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com