Electronic Components Datasheet Search
  English  ▼

X  

DAC39RF10 Datasheet(PDF) 189 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 189 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 185Page - Texas Instruments DAC39RF10 Datasheet HTML 186Page - Texas Instruments DAC39RF10 Datasheet HTML 187Page - Texas Instruments DAC39RF10 Datasheet HTML 188Page - Texas Instruments DAC39RF10 Datasheet HTML 189Page - Texas Instruments DAC39RF10 Datasheet HTML 190Page - Texas Instruments DAC39RF10 Datasheet HTML 191Page - Texas Instruments DAC39RF10 Datasheet HTML 192Page - Texas Instruments DAC39RF10 Datasheet HTML 193Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 232 page
background image
Table 8-103. MUTE_REC Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
5
JESD_CRC_MUTE_MAS
K
R/W
1b
This bit is only used if JESD_CRC_MUTE_MASK = 0.
0: DAC will remain muted until the JESD_CRC_ALM=0
1: DAC will unmute automatically when CRC_FAULT=0.
4-0
RESERVED
R/W
0h
8.97 FUSE_STATUS Register (Offset = 0600h) [reset = NA]
FUSE_STATUS is shown in Figure 8-82 and described in Table 8-102.
Return to the Register Summary Table.
Fuse Status
Figure 8-84. FUSE_STATUS Register
7
6
5
4
3
2
1
0
RESERVED
FUSE_DONE
R-NA
R-NA
Table 8-104. FUSE_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
RESERVED
R
NA
0
FUSE_DONE
R
NA
Returns ‘1’ when the fuse controller is idle, meaning the controller
has completed the fuse auto-load sequence. The sequence takes
less than 523,000 CLK cycles to complete, or FUSE_DONE can be
polled until it is '1'.
When FUSE_DONE is ‘0’ the user should not read or write any
fuse-backed registers.
8.98 FINE_CUR_A Register (Offset = 0723h) [reset = varies]
FINE_CUR_A is shown in Figure 8-85 and described in Table 8-105.
Return to the Register Summary Table.
Fine Bias Current Control for DACA
Figure 8-85. FINE_CUR_A Register
7
6
5
4
3
2
1
0
RESERVED
FINE_CUR_A
R-00b
R/W-varies
Table 8-105. FINE_CUR_A Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R
00b
5-0
FINE_CUR_A
R/W
varies
Fine current control setting for DAC A. See Section 7.3.2.2. The
default values varies to match output current specification.
8.99 COARSE_CUR_A Register (Offset = 0724h) [reset = 0Fh]
COARSE_CUR_A is shown in Figure 8-86 and described in Table 8-106.
Return to the Register Summary Table.
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
189
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com