Electronic Components Datasheet Search
  English  ▼

X  

DAC39RF10 Datasheet(PDF) 193 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 193 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 189Page - Texas Instruments DAC39RF10 Datasheet HTML 190Page - Texas Instruments DAC39RF10 Datasheet HTML 191Page - Texas Instruments DAC39RF10 Datasheet HTML 192Page - Texas Instruments DAC39RF10 Datasheet HTML 193Page - Texas Instruments DAC39RF10 Datasheet HTML 194Page - Texas Instruments DAC39RF10 Datasheet HTML 195Page - Texas Instruments DAC39RF10 Datasheet HTML 196Page - Texas Instruments DAC39RF10 Datasheet HTML 197Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 232 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
9.1.1 Startup Procedure for DUC/Bypass Mode
The list below is the startup procedure for the device:
1. Power up the device with ball RESET asserted using the procedure in Section 9.3.1.
2. Apply CLK and then de-assert RESET.
3. Wait for fuse values to be loaded (register FUSE_DONE returns 1).
4. Set up all the operational parameters (registers can be programmed in any order):
a. Program interpolation factor in the DUC_L register.
b. Determine the total interpolation factor (LT), which is needed in the next steps. Except for DES1X mode
(dual edge sampling with no interpolation), LT = DUC_L.
c. Determine many sample streams are needed and program the JESD_M register.
d. Select a JESD204C mode from Table 7-22. Make sure the selected mode supports the value of LT
computed previously and the desired link layer encoding. Also make sure the mode supports the number
of desired streams set in the JESD_M register. Program the mode number into the JMODE register.
e. Program the JENC register to select 8b/10b or 64b/66b operation.
f.
Compute the value of R using Table 7-22 and the LT value computed earlier.
g. Using Table 7-17 (8b/10b) or Table 7-18 (64b/66b), identify a row that matches the R value and DAC
clock frequency. Program REFDIV, MPY, RATE and VRANGE according to the tables.
h. If necessary, program LANE_SELn to bind the appropriate physical lanes to logical lanes. Program
LANE_INV if necessary to account for any lane inversion (differential pairs swapped on PCB).
i.
Program other common settings according to your desired usage (SUBCLASS, SFORMAT, SCR in
JCTRL).
j.
If using 8b/10b encoding, program the KM1 register to set the K parameter. KM1 must match the link
partner. Be sure to honor the constraint imposed by the KR parameter from Table 7-22.
k. If subclass 1 operation is desired (SUBCLASS=1), you must also program RBD. Determine the
appropriate value for RBD by referring to: Programming RBD.
l.
Optional Serdes parameters can also be programmed if necessary (that is, JPHY_CNTL, EQ_CNTL,
EQZERO, LANE_EQn).
m. Program any DAC or DUC related registers, for example the DAC_SRC register to route data to your
desired DACs and configure MXMODE to set the DAC output mode.
5. Program the transmitter (link partner, that is, FPGA or ASIC), and instruct the transmitter to begin
transmission.
6. Program JESD_EN=1 to start up the receiver.
7. Program DP_EN=1 to enable the datapath. This is required to allow data to flow to the DAC. If only
JESD204C diagnostics are performed, you can leave DP_EN at 0.
8. Wait for the VDDDIG supply voltage to re-stablize as the supply current transient can result in a dip in the
supply voltage. 80 microseconds is be sufficient, but this can be optimized based on actual measurements.
9. If SUBCLASS=1, SYSREF is necessary to establish the LMFC/LEMC phase in the receiver. Follow this
procedure:
a. Using two separate transactions, program SYSREF_RECV_SLEEP=0 and then SYSREF_PROC_EN=1
(both in register SYSREF_CNTL).
b. Program SYSREF_SEL to a known good value (see SYSREF Windowing for details on how to calculate
SYSREF_SEL using the SYSREF windowing function).
c. Program SYSREF_ALIGN_EN=1.
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
193
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com