Electronic Components Datasheet Search
  English  ▼

X  

DAC39RF10 Datasheet(PDF) 195 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 195 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 191Page - Texas Instruments DAC39RF10 Datasheet HTML 192Page - Texas Instruments DAC39RF10 Datasheet HTML 193Page - Texas Instruments DAC39RF10 Datasheet HTML 194Page - Texas Instruments DAC39RF10 Datasheet HTML 195Page - Texas Instruments DAC39RF10 Datasheet HTML 196Page - Texas Instruments DAC39RF10 Datasheet HTML 197Page - Texas Instruments DAC39RF10 Datasheet HTML 198Page - Texas Instruments DAC39RF10 Datasheet HTML 199Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 232 page
background image
Normalized Frequency (/FCLK)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
DES2XL
DES2XH
Figure 9-1. DES Interpolator Frequency Response
A non-50% CLK duty cycle results in an image of the signal at FCLK - FOUT. The amplitude of the image in
DES2XL/H modes compared to NRZ/RF modes is shown in Figure 9-2. DES2XL provides 30+dB suppression
over NRZ mode and DES2XH 20 to 30 B suppression over RF mode. This reduces the analog filtering required
after the DAC to remove the unwanted images.
Output Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
-80
-70
-60
-50
-40
-30
-20
-10
0
RF Mode Image
NRZ Mode Image
DES2XH
DES2XL
Figure 9-2. DES2XL/H Image compare to NRZ and RF Modes
The input clock frequency and input data rate is the same for NRZ, RF, RTZ, DES2XL and DES2XH modes -
only the output waveform generated by the DAC is changed (See Section 7.3.1). Changing between modes only
requires a different setting of the MXMODE register.
Figure 9-3 shows a comparison of DES2XL and NRZ mode for a fullscale tone at 3497MHz with 10GSPS
clock frequency. In addition to the reduction of the image at FCLK - FOUT = 6743MHz, DES2XL mode can also
suppress harmonics that in NRZ mode fold back below FCLK/2. In the plot, HD2 has an image at 3006MHz
that is -65dBc in NRZ mode and -80dBc in DES2XL mode. Likewise, the HD3 image at 491MHz improves from
-70dBc in NRZ mode to better than -90dBc in DES2XL mode. SFDR between 0 and FCLK/2 is limited by HD2
and therefore improves from 65 to 80dBc. Note that the non-linearity specifications for DES2XL mode in Section
6 are measured between 0 to FCLK/2 (as is NRZ mode), and for DES2XH mode between FCLK/2 and FCLK.
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
195
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com