Electronic Components Datasheet Search
  English  ▼

X  

DAC39RF10 Datasheet(PDF) 198 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 198 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 194Page - Texas Instruments DAC39RF10 Datasheet HTML 195Page - Texas Instruments DAC39RF10 Datasheet HTML 196Page - Texas Instruments DAC39RF10 Datasheet HTML 197Page - Texas Instruments DAC39RF10 Datasheet HTML 198Page - Texas Instruments DAC39RF10 Datasheet HTML 199Page - Texas Instruments DAC39RF10 Datasheet HTML 200Page - Texas Instruments DAC39RF10 Datasheet HTML 201Page - Texas Instruments DAC39RF10 Datasheet HTML 202Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 232 page
background image
1. 1. Fast approach using ESVO_S:
a. Repeat the procedure above for each valid value of ESPO. For each value of ESPO, run an inner-eye
analysis of zeros and ones. This locates the maximum zero (ESVOmax0 ) and minimum one (ESVOmin1)
for each value of ESPO.
b. All the cells of the eye between ESVOmax0 and ESVOmin1 (inclusive) can be colored black, and all other
cells colored white.
c. Additional detail can be added to the eye-diagram by including outer and/or average analysis (see ES).
For example, the ESVO_S values produced from average analysis can be colored red, while all other
values between and including the inner and outer values colored white.
2. Detailed approach using ECOUNT:
a. select an eye-scan mode that counts mismatches. Repeat the procedure outlined above for each valid
value of ESVO and ESPO.
b. After each run, record the value of ECOUNT (resetting ECOUNT before each run).
c. Each eye-scan run corresponds to one cell of the eye-diagram. ESPO is the x-coordinate of the cell.
ESVO is the y-coordinate of the cell. The intensity of the cell is proportional to ECOUNT/Nsamples,
where Nsamples is the number of analyzed samples per run (determined by ESLEN).
d. This approach takes much more time to run, but can provide a more granular eye-diagram.
9.1.5 Pre/Post Cursor Analysis Procedure
Pre/Post Cursor Analysis can be used to determine an optimum setting for pre-emphasis in the transmitter.
1. Program JESD_EN = 0 if necessary. Program EQMODE = 1. Program JESD_EN = 1 and allow sufficient
time for the equalizer to adapt and settle. You can read EQLEVEL_S multiple times to verify the value is
stable or toggling between adjacent values.
2. Set EQHOLD = 1 to lock the equalizer (disable adaptation). This also causes EQOVER and EQUNDER
fields to become low.
3. Wait at least 48UI, and proportionally longer if the CDR activity is less than 100% so the 1 on EQHOLD is
sampled and acted upon. The SPI is slow enough that no explicit delay is be necessary.
4. Set EQMODE to 2 or 3 to select pre or post cursor analysis respectively. With a separate SPI transaction,
set EQHOLD = 0. The equalization characteristics of the received signal are analyzed (the equalizer
response continues to be locked).
5. Wait at least 150,000UI to allow time for the analysis to occur, proportionately longer if the CDR activity is
less than 100%
6. Examine EQOVER and EQUNDER for results of analysis:
a. EQOVER high indicates the signal is over equalized;
b. EQUNDER high indicates the signal is under equalized;
7. Set EQHOLD = 1
8. Adjust the transmitter pre-emphasis and repeat steps 3 thru 7 if required.
9. Set EQMODE = 1, and with a separate SPI transaction, set EQHOLD = 0 to exit analysis mode and return to
normal adaptive equalization.
9.1.6 Sleep and Disable Modes
There are several methods to power down or temporarily disable the DAC outputs. To prevent asymmetric aging
of the device circuits, in some options a low level output from the DACs is maintained. Table 9-1 lists the options
for sleep or disabling the DAC outputs.
The most power is saved in full power down, which is enable by setting the MODE register to 0x3. In this mode
a low level output signal is maintained to prevent asymmetric aging. Returning to full operation from full power
down takes 100's of microseconds.
One or both DAC outputs can be disabled by setting the corresponding MXMODE register to 0x6. This saves
some power and the DAC outputs a low level signal to prevent asymmetric aging. If only one channel is
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
198
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com