Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 172 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 172 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 168Page - Silicon Laboratories C8051F310 Datasheet HTML 169Page - Silicon Laboratories C8051F310 Datasheet HTML 170Page - Silicon Laboratories C8051F310 Datasheet HTML 171Page - Silicon Laboratories C8051F310 Datasheet HTML 172Page - Silicon Laboratories C8051F310 Datasheet HTML 173Page - Silicon Laboratories C8051F310 Datasheet HTML 174Page - Silicon Laboratories C8051F310 Datasheet HTML 175Page - Silicon Laboratories C8051F310 Datasheet HTML 176Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 228 page
background image
C8051F310/1/2/3/4/5/6/7
172
Rev. 1.7
Table 15.5. Timer Settings for Standard Baud Rates
Using an External 11.0592 MHz Oscillator
Frequency: 11.0592 MHz
Target
Baud Rate
(bps)
Baud Rate
% Error
Oscilla-
tor Divide
Factor
Timer Clock
Source
SCA1-SCA0
(pre-scale
select)*
T1M*
Timer 1
Reload Value
(hex)
230400
0.00%
48
SYSCLK
XX
1
0xE8
115200
0.00%
96
SYSCLK
XX
1
0xD0
57600
0.00%
192
SYSCLK
XX
1
0xA0
28800
0.00%
384
SYSCLK
XX
1
0x40
14400
0.00%
768
SYSCLK / 12
00
0
0xE0
9600
0.00%
1152
SYSCLK / 12
00
0
0xD0
2400
0.00%
4608
SYSCLK / 12
00
0
0x40
1200
0.00%
9216
SYSCLK / 48
10
0
0xA0
230400
0.00%
48
EXTCLK / 8
11
0
0xFD
115200
0.00%
96
EXTCLK / 8
11
0
0xFA
57600
0.00%
192
EXTCLK / 8
11
0
0xF4
28800
0.00%
384
EXTCLK / 8
11
0
0xE8
14400
0.00%
768
EXTCLK / 8
11
0
0xD0
9600
0.00%
1152
EXTCLK / 8
11
0
0xB8
X = Don’t care
*Note:
SCA1–SCA0 and T1M bit definitions can be found in
Section 17.1.
Table 15.6. Timer Settings for Standard Baud Rates
Using an External 3.6864 MHz Oscillator
Frequency: 3.6864 MHz
Target
Baud Rate
(bps)
Baud
Rate%
Error
Oscilla-
tor Divide
Factor
Timer Clock
Source
SCA1-SCA0
(pre-scale
select)*
T1M*
Timer 1
Reload
Value (hex)
230400
0.00%
16
SYSCLK
XX
1
0xF8
115200
0.00%
32
SYSCLK
XX
1
0xF0
57600
0.00%
64
SYSCLK
XX
1
0xE0
28800
0.00%
128
SYSCLK
XX
1
0xC0
14400
0.00%
256
SYSCLK
XX
1
0x80
9600
0.00%
384
SYSCLK
XX
1
0x40
2400
0.00%
1536
SYSCLK / 12
00
0
0xC0
1200
0.00%
3072
SYSCLK / 12
00
0
0x80
230400
0.00%
16
EXTCLK / 8
11
0
0xFF
115200
0.00%
32
EXTCLK / 8
11
0
0xFE
57600
0.00%
64
EXTCLK / 8
11
0
0xFC
28800
0.00%
128
EXTCLK / 8
11
0
0xF8
14400
0.00%
256
EXTCLK / 8
11
0
0xF0
9600
0.00%
384
EXTCLK / 8
11
0
0xE8
X = Don’t care
*Note:
SCA1–SCA0 and T1M bit definitions can be found in
Section 17.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com