Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 173 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 173 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 169Page - Silicon Laboratories C8051F310 Datasheet HTML 170Page - Silicon Laboratories C8051F310 Datasheet HTML 171Page - Silicon Laboratories C8051F310 Datasheet HTML 172Page - Silicon Laboratories C8051F310 Datasheet HTML 173Page - Silicon Laboratories C8051F310 Datasheet HTML 174Page - Silicon Laboratories C8051F310 Datasheet HTML 175Page - Silicon Laboratories C8051F310 Datasheet HTML 176Page - Silicon Laboratories C8051F310 Datasheet HTML 177Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 228 page
background image
Rev. 1.7
173
C8051F310/1/2/3/4/5/6/7
16. Enhanced Serial Peripheral Interface (SPI0)
The Enhanced Serial Peripheral Interface (SPI0) provides access to a flexible, full-duplex synchronous
serial bus. SPI0 can operate as a master or slave device in both 3-wire or 4-wire modes, and supports mul-
tiple masters and slaves on a single SPI bus. The slave-select (NSS) signal can be configured as an input
to select SPI0 in slave mode, or to disable Master Mode operation in a multi-master environment, avoiding
contention on the SPI bus when more than one master attempts simultaneous data transfers. NSS can
also be configured as a chip-select output in master mode, or disabled for 3-wire operation. Additional gen-
eral purpose port I/O pins can be used to select multiple slave devices in master mode.
Figure 16.1. SPI Block Diagram
SFR Bus
Data Path
Control
SFR Bus
Write
SPI0DAT
Receive Data Buffer
SPI0DAT
0
1
2
3
4
5
6
7
Shift Register
SPI CONTROL LOGIC
SPI0CKR
SPI0CFG
SPI0CN
Pin Interface
Control
Pin
Control
Logic
C
R
O
S
S
B
A
R
Port I/O
Read
SPI0DAT
SPI IRQ
Tx Data
Rx Data
SCK
MOSI
MISO
NSS
Transmit Data Buffer
Clock Divide
Logic
SYSCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com