Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 191 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 191 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 187Page - Silicon Laboratories C8051F310 Datasheet HTML 188Page - Silicon Laboratories C8051F310 Datasheet HTML 189Page - Silicon Laboratories C8051F310 Datasheet HTML 190Page - Silicon Laboratories C8051F310 Datasheet HTML 191Page - Silicon Laboratories C8051F310 Datasheet HTML 192Page - Silicon Laboratories C8051F310 Datasheet HTML 193Page - Silicon Laboratories C8051F310 Datasheet HTML 194Page - Silicon Laboratories C8051F310 Datasheet HTML 195Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 228 page
background image
Rev. 1.7
191
C8051F310/1/2/3/4/5/6/7
SFR Definition 17.1. TCON: Timer Control
Bit7:
TF1: Timer 1 Overflow Flag.
Set by hardware when Timer 1 overflows. This flag can be cleared by software but is auto-
matically cleared when the CPU vectors to the Timer 1 interrupt service routine.
0: No Timer 1 overflow detected.
1: Timer 1 has overflowed.
Bit6:
TR1: Timer 1 Run Control.
0: Timer 1 disabled.
1: Timer 1 enabled.
Bit5:
TF0: Timer 0 Overflow Flag.
Set by hardware when Timer 0 overflows. This flag can be cleared by software but is auto-
matically cleared when the CPU vectors to the Timer 0 interrupt service routine.
0: No Timer 0 overflow detected.
1: Timer 0 has overflowed.
Bit4:
TR0: Timer 0 Run Control.
0: Timer 0 disabled.
1: Timer 0 enabled.
Bit3:
IE1: External Interrupt 1.
This flag is set by hardware when an edge/level of type defined by IT1 is detected. It can be
cleared by software but is automatically cleared when the CPU vectors to the External Inter-
rupt 1 service routine if IT1 = 1. When IT1 = 0, this flag is set to ‘1’ when /INT1 is active as
defined by bit IN1PL in register IT01CF (see SFR Definition 8.11).
Bit2:
IT1: Interrupt 1 Type Select.
This bit selects whether the configured /INT1 interrupt will be edge or level sensitive. /INT1
is configured active low or high by the IN1PL bit in the IT01CF register (see SFR Definition
8.11).
0: /INT1 is level triggered.
1: /INT1 is edge triggered.
Bit1:
IE0: External Interrupt 0.
This flag is set by hardware when an edge/level of type defined by IT0 is detected. It can be
cleared by software but is automatically cleared when the CPU vectors to the External Inter-
rupt 0 service routine if IT0 = 1. When IT0 = 0, this flag is set to ‘1’ when /INT0 is active as
defined by bit IN0PL in register IT01CF (see SFR Definition 8.11).
Bit0:
IT0: Interrupt 0 Type Select.
This bit selects whether the configured /INT0 interrupt will be edge or level sensitive. /INT0
is configured active low or high by the IN0PL bit in register IT01CF (see SFR Definition
8.11).
0: /INT0 is level triggered.
1: /INT0 is edge triggered.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
(bit addressable)
0x88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com