Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 189 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 189 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 185Page - Silicon Laboratories C8051F310 Datasheet HTML 186Page - Silicon Laboratories C8051F310 Datasheet HTML 187Page - Silicon Laboratories C8051F310 Datasheet HTML 188Page - Silicon Laboratories C8051F310 Datasheet HTML 189Page - Silicon Laboratories C8051F310 Datasheet HTML 190Page - Silicon Laboratories C8051F310 Datasheet HTML 191Page - Silicon Laboratories C8051F310 Datasheet HTML 192Page - Silicon Laboratories C8051F310 Datasheet HTML 193Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 228 page
background image
Rev. 1.7
189
C8051F310/1/2/3/4/5/6/7
17.1.2. Mode 1: 16-bit Counter/Timer
Mode 1 operation is the same as Mode 0, except that the counter/timer registers use all 16 bits. The
counter/timers are enabled and configured in Mode 1 in the same manner as for Mode 0.
17.1.3. Mode 2: 8-bit Counter/Timer with Auto-Reload
Mode 2 configures Timer 0 and Timer 1 to operate as 8-bit counter/timers with automatic reload of the start
value. TL0 holds the count and TH0 holds the reload value. When the counter in TL0 overflows from all
ones to 0x00, the timer overflow flag TF0 (TCON.5) is set and the counter in TL0 is reloaded from TH0. If
Timer 0 interrupts are enabled, an interrupt will occur when the TF0 flag is set. The reload value in TH0 is
not changed. TL0 must be initialized to the desired value before enabling the timer for the first count to be
correct. When in Mode 2, Timer 1 operates identically to Timer 0.
Both counter/timers are enabled and configured in Mode 2 in the same manner as Mode 0. Setting the
TR0 bit (TCON.4) enables the timer when either GATE0 (TMOD.3) is logic 0 or when the input signal /INT0
is active as defined by bit IN0PL in register IT01CF (see Section “8.3.2. External Interrupts” on page 95
for details on the external input signals /INT0 and /INT1).
Figure 17.2. T0 Mode 2 Block Diagram
TCLK
TMOD
T
1
M
1
T
1
M
0
C
/
T
1
G
A
T
E
1
G
A
T
E
0
C
/
T
0
T
0
M
1
T
0
M
0
TF0
TR0
TR1
TF1
IE1
IT1
IE0
IT0
Interrupt
TL0
(8 bits)
Reload
TH0
(8 bits)
0
1
0
1
SYSCLK
Pre-scaled Clock
INT01CF
I
N
1
S
L
1
I
N
1
S
L
0
I
N
1
S
L
2
I
N
1
P
L
I
N
0
P
L
I
N
0
S
L
2
I
N
0
S
L
1
I
N
0
S
L
0
TR0
GATE0
IN0PL
XOR
/INT0
T0
Crossbar
CKCON
T
3
M
H
T
3
M
L
S
C
A
0
S
C
A
1
T
0
M
T
2
M
H
T
2
M
L
T
1
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com