Electronic Components Datasheet Search
  English  ▼

X  

M58LW064 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M58LW064
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M58LW064 Datasheet HTML 6Page - STMicroelectronics M58LW064 Datasheet HTML 7Page - STMicroelectronics M58LW064 Datasheet HTML 8Page - STMicroelectronics M58LW064 Datasheet HTML 9Page - STMicroelectronics M58LW064 Datasheet HTML 10Page - STMicroelectronics M58LW064 Datasheet HTML 11Page - STMicroelectronics M58LW064 Datasheet HTML 12Page - STMicroelectronics M58LW064 Datasheet HTML 13Page - STMicroelectronics M58LW064 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
M58LW064A, M58LW064B
10/53
SIGNAL DESCRIPTIONS
See Figure 1 and Table 1.
Address Inputs (A1-A22). A1 is used to select
between the high and low Word in the x16 config-
uration of the M58LW064A
or B. For the
M58LW064B A1 is not used in the x32 mode.
When Chip Enable E is at VIL the address bus is
used to input addresses for the memory array in
Read mode, or addresses for the data to be pro-
grammed, or to input addresses associated with
Commands to be written to the Command Inter-
face. The address latch is transparent when Latch
Enable L is at VIL. The address inputs for the
memory array are latched on the rising edge of
Chip Enable E or Latch Enable L or Write Enable
W, whichever occurs first in a write operation. The
address is also internally latched in the command
for an Erase or Program Instruction.
Data Inputs/Outputs (DQ0-DQ31). Input
data
for a Write to Buffer and Program operation and for
writing Commands to the Command Interface are
latched on the rising edge of Write Enable W or
Chip Enable E, whichever occurs first.
When Chip Enable E and Output Enable G are at
VIL data is output from the Array, the Electronic
Signature - the Manufacturer and the Device code
- the Block Protection status, the CFI Query infor-
mation or the Status Register. The data bus is high
impedance when the device is deselected with
Chip Enable E at VIH, Output Enable G is at VIH or
RP is at VIL. When the P/E.C. is active the Status
Register content is output on DQ0-DQ7 and DQ8-
DQ31 are at VIL.
Chip Enable (E). The Chip Enable E input acti-
vates the memory control logic, input buffers, de-
coders and sense amplifiers. Chip Enable E at VIH
deselects the memory and reduces the power con-
sumption to the standby level.
Output Enable (G). The Output Enable G gates
the outputs through the data output buffers during
a read operation. When Output Enable G is at VIH
the outputs are high impedance. Output Enable G
can be used to suspend the data output in a burst
read operation.
Write Enable (W). The Write Enable W input
controls writing to the Command Interface, Input
Address and Data latches. Both addresses and
data are latched on the rising edge of W (see also
Latch Enable L).
Reset/Power-down (RP). The
Reset/Power-
down RP input provides a hardware reset of the
memory and power-down functions. Reset/Power-
down of the memory is achieved by pulling RP to
VIL for at least tPLPH. Writing is inhibited to protect
data, the Command Interface and the P/E.C. are
reset. The Status Register information is cleared
and power consumption is reduced to deep power-
down level. The device acts as deselected, that is
the data outputs are high impedance.
When RP rises to VIH, the device will be available
for new operations after a delay of tPHQV and will
be configured by default for Asynchronous Ran-
dom Read. The minimum delay required to access
the Command Interface by a write cycle is tPHWL.
If the RP input is activated during a Block Erase, a
Write to Buffer and Program or a Block Protect/Un-
protect operation the cycle is aborted and data is
altered and may be corrupted. The Ready/Busy
output RB may remain low for a maximum time of
tPLPH +tPHRH beyond the completion of the Reset/
Power-down RP pulse.
Applying the higher voltage VHH to the Reset/Pow-
er-down input RP temporarily unprotects and en-
ables Erase and Program operations on all blocks.
Thus it acts as a hardware block unprotect input.
In an application, it is recommended to associate
RP to the reset signal of the microprocessor. Oth-
erwise, if a reset operation occurs while the device
is performing an Erase or Program cycle, the
Flash memory may output the Status Register in-
formation instead of being re-initialized to the de-
fault Asynchronous Random Read.
Latch Enable (L). Latch Enable L latches the ad-
dress bits A1-A22 on its rising edge for the Asyn-
chronous Latch Enable Controlled Read or Write,
or Synchronous Burst Read operations. The ad-
dress latch is transparent when Latch Enable L is
at VIL. Latch Enable L must remain at VIL for Asyn-
chronous Random Read and Write operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com