Electronic Components Datasheet Search
  English  ▼

X  

M58LW064 Datasheet(PDF) 30 Page - STMicroelectronics

Part # M58LW064
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M58LW064 Datasheet HTML 26Page - STMicroelectronics M58LW064 Datasheet HTML 27Page - STMicroelectronics M58LW064 Datasheet HTML 28Page - STMicroelectronics M58LW064 Datasheet HTML 29Page - STMicroelectronics M58LW064 Datasheet HTML 30Page - STMicroelectronics M58LW064 Datasheet HTML 31Page - STMicroelectronics M58LW064 Datasheet HTML 32Page - STMicroelectronics M58LW064 Datasheet HTML 33Page - STMicroelectronics M58LW064 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
M58LW064A, M58LW064B
30/53
Table 24. Asynchronous Latch Enable Controlled Read and Page Read
(TA = 0 to 70°C, –40 to 85°C, VDD = 2.7V to 3.6V, VDD = 1.8V to VDD)
Symbol
Parameter
Test Condition
Min
Max
Unit
tAVLL
Address Valid to Lacth Enable Low
E=VIL
10
ns
tAVQV1
Address Valid to Output Valid (Page Read)
E = VIL,G= VIL
25
ns
tAXQX
Address Transition to Output Transition (Page Read)
E=VIL,G= VIL
6ns
tEHLX
Chip Enable High to Latch Enable Transition
0
ns
tEHQX
Chip Enable High to Output Transition
G= VIL
0ns
tEHQZ
Chip Enable High to Output Hi-Z
G = VIL
10
ns
tELLL
Chip ENable Low to Latch Enable Low
10
ns
tGHQX
Output Enable High to Output Transition
E=VIL
0ns
tGHQZ
Output Enable High to Output Hi-Z
E=VIL
10
ns
tGLQV
Output Enable Low to Output Valid
E = VIL
50
ns
tGLQX
Output Enable Low to Output Transition
E=VIL
0ns
tLHAX
Latch Enable High to Address Transition
E=VIL
10
ns
tLHLL
Lacth Enable High to Latch Enable Low
10
ns
tLLLH
Latch Enable Low to LatchEnable High
E = VIL
10
ns
tLLQV
Latch Enable Low to Output Valid
E=VIL,G= VIL
125
ns
tLLQV1
Lacth Enable Low to Output Valid (Page Read)
E=VIL,G= VIL
25
ns
tLLQX
Latch Enable Low to Output Transition
E=VIL,G= VIL
0ns
Figure 10. Asynchronous Read Latch Enable Controlled Read AC Waveforms (x16, x32 organisation)
Asynchronous Read (M15 = 1), Latch Enable Controlled (M3 = 1)
AI03251
L
E
G
A1-A22
(1)
DQ0-DQX
(2)
VALID
tEHLX
tLHLL
tLHAX
tAVLL
tELLL
tLLLH
tEHQX
tEHQZ
tGHQX
GHQZ
tLLQV
tLLQX
tGLQX
tGLQV
See also Page Read
(1)
A1 is not used (Don’t Care) in x32 organization
(2)
DQ0-DQ15 in x16 or DQ0-DQ31 in x32 organization
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com