Electronic Components Datasheet Search
  English  ▼

X  

M58LW064 Datasheet(PDF) 25 Page - STMicroelectronics

Part # M58LW064
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M58LW064 Datasheet HTML 21Page - STMicroelectronics M58LW064 Datasheet HTML 22Page - STMicroelectronics M58LW064 Datasheet HTML 23Page - STMicroelectronics M58LW064 Datasheet HTML 24Page - STMicroelectronics M58LW064 Datasheet HTML 25Page - STMicroelectronics M58LW064 Datasheet HTML 26Page - STMicroelectronics M58LW064 Datasheet HTML 27Page - STMicroelectronics M58LW064 Datasheet HTML 28Page - STMicroelectronics M58LW064 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
25/53
M58LW064A, M58LW064B
Table 16. CFI - Device Voltage and Timing Specification
Note: 1. Bits are coded in Binary Code Decimal, bit7 to bit4 are scaled in Volt and bit3 to bit0 in mV.
2. Bit7 to bit4 are coded in Hexadecimal and scaled in Volt while bit3 to bit0 are in Binary Code Decimal and scaled in 100mV.
3. Not supported.
4. For M58LW064B, A1 = Don’t Care.
Table 17. Device Geometry Definition
Note: 1. For M58LW064B, A1 = Don’t Care.
Address (4)
A22-A1 (M58LW064A)
A22-A2 (M58LW064B)
Data
Instruction
1Bh
27h (1)
VCC Min, 2.7V
1Ch
36h (1)
VCC max, 3.6V
1Dh
00h (2)
VPP min – Not Available
1Eh
00h (2)
VPP max – Not Available
1Fh
00h (3)
2N ms Word, DWord prog. typical time-out
20h
x07h
2N ms, typical time out for max buffer write
21h
0Ah
2N ms, Erase Block typical time-out
22h
00h (3)
2N ms, chip erase time-out typ. – Not Available
23h
00h (3)
2N times typ. for Word Dword time-out max – Not Available
24h
04h
2N times typ. for buffer write time-out max
25h
04h
2N x typ. individual block erase time-out maximum
26h
00h (3)
2N times typ. for chip erase max time-out – Not Available
Address (1)
A22-A1 (M58LW064A)
A22-A2 (M58LW064B)
Data
Instruction
27h
17h
2N nb. of bytes device Size
28h
01h.
Device Interface Sync./Async.
29h
00h
Organisation Sync./Async.
2Ah
05h
Page size in bytes, 2N
2Bh
00h
2Ch
01h
Bit7-0 = nb of Erase Block region
2Dh
3Fh
Number (N-1) of Erase Blocks of identical size; N=64
2Eh
00h
2Fh
00h
x times 256 bytes per Erase block (128K bytes)
30h
02h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com