Electronic Components Datasheet Search
  English  ▼

X  

M58LW064 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M58LW064
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M58LW064 Datasheet HTML 10Page - STMicroelectronics M58LW064 Datasheet HTML 11Page - STMicroelectronics M58LW064 Datasheet HTML 12Page - STMicroelectronics M58LW064 Datasheet HTML 13Page - STMicroelectronics M58LW064 Datasheet HTML 14Page - STMicroelectronics M58LW064 Datasheet HTML 15Page - STMicroelectronics M58LW064 Datasheet HTML 16Page - STMicroelectronics M58LW064 Datasheet HTML 17Page - STMicroelectronics M58LW064 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
M58LW064A, M58LW064B
14/53
M8 Valid Data Ready R Signal Configuration.
The Valid Data Ready R output signal indicates
when valid data is on the data outputs synchro-
nous with the valid burst clock egde. It can be as-
serted by the device synchronously with the valid
clock edge or one clock cycle before.
M7 Burst Type.
Accesses within a given burst may be pro-
grammed to be either Sequential or Interleaved.
This is referred to as the burst type and is selected
by the Burst Configuration Register M7 bit. The ac-
cess order within a burst is determined by the
burst length, the burst type and the starting ad-
dress (See Table 8).
M6 Valid Clock Edge Configuration.
All the synchronous operations such as Burst
Read, Output Data or Ready signal validation can
be synchronized on the valid rising or on the falling
edge of the Burst Clock signal K.
M2 - M0 Burst Length.
Synchronous reads have a programmable burst
length, set using the M2 - M0 bits of the Burst Con-
figuration Register. The burst length corresponds
to the maximum number of Words or Double-
Words that can be output. Burst lengths of 1, 2, 4
or 8 are available for both the Sequential and In-
terleaved burst types, and a continuous burst is
available for the Sequential type. The burst length
of 8 is not available in the x32 configuration.
When a Read command is issued, a block of
Words or Double-Words equal to the burst length
is selected. All accesses for that burst take place
within this block, meaning that the burst wraps
within the burst block if a boundary is reached.
If a Continuous Burst Read has been initiated the
device will output data synchronously. Depending
on the starting address of the read, the device ac-
tivates the Valid Data Ready R output to indicate
that it needs a delay to complete the internal read
operation before outputing data. If the starting ad-
dress is aligned to a four Word boundary the con-
tinuous burst mode will run without activating the
Valid Data Ready R output. If the starting address
is not aligned to a four Word boundary, Valid Data
Ready R is activated at the beginning of the con-
tinuous burst read to indicate that the device
needs an internal delay to read the content of the
four successive words in the array.
Pipelined Burst Read.
An overlapping Burst Read operation is possible.
That is, the address and data phases of consecu-
tive synchronous read operations can be over-
lapped by several clock cycles. This is done by
applying a pulse on Latch Enable L input to latch a
new address before the completion of the data
output of the current cycle. This reduces or avoids
wait-states in the data output for the burst read
mode. The minimum clock edge number for the
following read sequence must be six before the
last data output of the previous read cycle. The
pipelined burst read mode is available in the x16
organisation for both burst length definitions of
four and eight, and in the x32 organisation for the
burst length of four. It is not possible for a burst
length of one or two.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com