Electronic Components Datasheet Search
  English  ▼

X  

M58LW064 Datasheet(PDF) 23 Page - STMicroelectronics

Part # M58LW064
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M58LW064 Datasheet HTML 19Page - STMicroelectronics M58LW064 Datasheet HTML 20Page - STMicroelectronics M58LW064 Datasheet HTML 21Page - STMicroelectronics M58LW064 Datasheet HTML 22Page - STMicroelectronics M58LW064 Datasheet HTML 23Page - STMicroelectronics M58LW064 Datasheet HTML 24Page - STMicroelectronics M58LW064 Datasheet HTML 25Page - STMicroelectronics M58LW064 Datasheet HTML 26Page - STMicroelectronics M58LW064 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
23/53
M58LW064A, M58LW064B
Set Burst Configuration Register (SBCR).
This instruction uses two command cycles. The
Burst Configuration Setup command 60h is written
with the address corresponding to the Set Burst
Configuration Register content. Then in the sec-
ond write cycle the address bus A2-A17 specifies
the BCR, Burst Configuration Register, informa-
tion and the command 03h. The burst length, type,
latency, synchronous/asynchronous read mode
and clock edge active configuration are defined in
that operation. After the command 03h the device
will default in the Read array mode.
Status Register Bits. The P/E.C. status is indi-
cated during execution with a Ready/Busy output
available on DQ7. Any read attempt during Pro-
gram or Erase command execution will automati-
cally update the Status Register bits. The P/E.C.
automatically sets bits DQ1, DQ2, DQ4, DQ5,
DQ6 and DQ7. The bit DQ0 is reserved for future
use and should be masked. It is not necessary to
specify an address when the Status Register bits
are read. The Status Register is a static memory
register that is reset when RP signal is active or on
a power-down operation.
POWER SUPPLY
Power Down. The memory provides Reset/Pow-
er-down control using the input RP. When Reset/
Power-down RP is pulled to VIL the supply current
drops to typically less than 1
µA, the memory is de-
selected and the outputs are at high impedance. If
RP is pulled to VIL during a Program or Erase op-
eration, this operation is aborted after a latency
time of tPLRH and the memory content is no longer
valid.
RESET, POWER-DOWN AND POWER-UP
See Fig 16.
The device is reset if the Reset/Power-down RP
input is pulled to VIL for longer than tPLPH. If the
device was in a Read mode then it will recover
from reset after a time of tPHQV to give valid data
output. If the device was executing an Erase or
Program operation, with the P/E.C. active, the op-
eration will abort in a time of tPLRH maximum. The
device will be ready to accept new write com-
mends after a time of tPHWL or tPHEL.
The supply voltages VDD and VDDQ must be high
a time tVDHEL or tVDHWL before a read or write cy-
cle. At first power up Reset/Power-down should be
held Low for a time of tVDHPH after VDD and VDDQ
are high. The device will be ready to accept its first
read or write commands after a time of tPUR or
tPUW.
COMMON FLASH INTERFACE - CFI
The introduction to the JEDEC CFI specification
Rel. 1.2 quotes, ”The Common Flash Interface
(CFI) specification outlines a device and host sys-
tem software interrogation handshake which al-
lows specific software algorithms to be used for
entire families of devices. This allows device-inde-
pendent, JEDEC, ID independent and forward-
and backward-compatible software support for the
specified flash device families. It allows flash ven-
dors to standardize their existing interfaces for
long-term compatibility.”
The CFI Query instruction RCFI describes how the
device enters the CFI Query mode which enables
information to be read from the Flash memory. CFI
allows a system software to query the flash device
to determine various electrical and timing parame-
ters, density information and functions supported
by the device. CFI allows the system to easily in-
terface to the flash memory, to learn about its fea-
tures and parameters, enabling the software to
upgrade itself when necessary.
Query Structure Overview
The flash memory displays the CFI data structure
when the CFI Query Instruction RCFI is issued. A
list of the main subsections is detailed in Tables 15
to 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com