Electronic Components Datasheet Search
  English  ▼

X  

M58LW064 Datasheet(PDF) 36 Page - STMicroelectronics

Part # M58LW064
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M58LW064 Datasheet HTML 32Page - STMicroelectronics M58LW064 Datasheet HTML 33Page - STMicroelectronics M58LW064 Datasheet HTML 34Page - STMicroelectronics M58LW064 Datasheet HTML 35Page - STMicroelectronics M58LW064 Datasheet HTML 36Page - STMicroelectronics M58LW064 Datasheet HTML 37Page - STMicroelectronics M58LW064 Datasheet HTML 38Page - STMicroelectronics M58LW064 Datasheet HTML 39Page - STMicroelectronics M58LW064 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
M58LW064A, M58LW064B
36/53
Table 26. Asynchronous Write and Latch Enable Controlled Write
(TA = 0 to 70°C, –40 to 85°C, VDD = 2.7V to 3.6V, VDD = 1.8V to VDD)
Symbol
Parameter
Test Conditio n
Min
Max
Unit
tAVLH
Address Valid to Latch Enable High
10
ns
tAVWH
Address Valid to Write Enable High
E= VIL
50
ns
tDVWH
Data Input Valid to Write Enable High
E= VIL
50
ns
tELWL
Chip Enable Low to Write Enable Low
0
ns
tLHAX
Latch Enable High to Address Transition
3
ns
tLLLH
Latch Enable low to Latch Enable High
10
ns
tLLWH
latch Enable Low to Write Enable High
50
ns
tQVRH
Output Valid to Reset/Power Down VDD
0
ns
tQVVPL
Output Valid to Program/Erase Enable Low
0
ns
tRHHWH
Reset/Power Down VHH to Write Enable High
0
ns
tVPHWH
Program/Erase Enable High to Write Enable High
0
ns
tWHAX
Write Enable High to Address Transition
E= VIL
10
ns
tWHBL
Write Enable High to Read/Busy low
90
ns
tWHDX
Write Enable High to Input Transition
E= VIL
10
ns
tWHEH
Write Enable High to Chip Enable High
0
ns
tWHGL
Write Enable High to Output Enable Low
35
ns
tWHWL
Write Enable High to Write Enable Low
30
ns
tWLWH
Write Enable Low to Write Enable High
E = VIL
70
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com