Electronic Components Datasheet Search
  English  ▼

X  

M58LW064 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M58LW064
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M58LW064 Datasheet HTML 12Page - STMicroelectronics M58LW064 Datasheet HTML 13Page - STMicroelectronics M58LW064 Datasheet HTML 14Page - STMicroelectronics M58LW064 Datasheet HTML 15Page - STMicroelectronics M58LW064 Datasheet HTML 16Page - STMicroelectronics M58LW064 Datasheet HTML 17Page - STMicroelectronics M58LW064 Datasheet HTML 18Page - STMicroelectronics M58LW064 Datasheet HTML 19Page - STMicroelectronics M58LW064 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
M58LW064A, M58LW064B
16/53
Table 10. Burst Configuration Register (1)
Note: 1. The BCR defines both the read mode and the burst configuration.
2. Synchronous burst length is defined as Word or Double-Word, the data bus width depends only on the WORD input.
Asynchronous Page read is two Words or one Double-Word.
3. A burst length of 8 is not available for x32 organisation.
4. At FK > 50MHz when X-Latency = 10 or 12, Y-Latency = 2 independent of the value of M9.
At FK = 66MHz when X-Lantency = 14 or 16, Y-Latency = 2 indepedent of the value of M9.
5. Latency 7 valid only for continuous burst. Otherwisw Latency = 8.
6. Latency 10 valid only for continuous burst. Otherwisw Latency = 12.
7. Latency 11 valid only for continuous burst. Otherwisw Latency = 12.
8. Latency 14 valid only for continuous burst. Otherwisw Latency = 16.
BCR mode bit
Description
Value
Description
M15
Read Select
0
Synchronous Burst Read
1
Asynchronous Read
M14-M11
X-Latency (4)
0001
Reserved
0010
7, only for FK = 33MHz
(5)
0011
8, only for FK = 33MHz
0100
9, only for FK = 33MHz
0101
10, only for FK = 50MHz
(6)
0110
11, only for FK = 50MHz
(7)
1001
12, only for FK = 50MHz
1010
13, only for FK = 50MHz
1011
14, only for FK = 66MHz
(8)
1101
16, only for FK = 66MHz
M9
Y-Latency (4)
0
One Burst Clock cycle
1
Two Burst Clock cycles
M8
Valid Data Ready
0
R valid Low during valid Burst Clock edge
1
R valid Low one data cycle before valid Burst Clock edge
M7
Burst Type
0
Interleaved
1
Sequential
M6
Valid Clock Edge
0
Falling Burst Clock edge
1
Rising Burst Clock edge
M3
Asynchronous
0
Random Read
1
Latch Enable Controlled Read
M2-M0
Burst Length (2)
100
1 Word or Double-Word
101
2 Words or Double-Words
001
4 Words or Double-Words
010
8 Words or Double-Words (3)
111
Continuous



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com